Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB334X Datasheet(PDF) 23 Page - Microchip Technology

Part # USB334X
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB334X Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB334X Datasheet HTML 19Page - Microchip Technology USB334X Datasheet HTML 20Page - Microchip Technology USB334X Datasheet HTML 21Page - Microchip Technology USB334X Datasheet HTML 22Page - Microchip Technology USB334X Datasheet HTML 23Page - Microchip Technology USB334X Datasheet HTML 24Page - Microchip Technology USB334X Datasheet HTML 25Page - Microchip Technology USB334X Datasheet HTML 26Page - Microchip Technology USB334X Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 23
USB334x
Note 4-10
This number includes the pad, the bond wire and the lead frame. Printed Circuit Board (PCB)
capacitance is not included in this value. The PCB capacitance value and the capacitance value of
the XO and REFCLK pins are required to accurately calculate the value of the two external load
capacitors.
4.13
ESD and Latch-Up Performance
Note 4-11
REFCLK, XO (USB3343 only), ID, RESETB, SPK_L (USB3341, USB3346, and USB3347 only) and
SPK_R (USB3341, USB3346, and USB3347 only) pins: ±5kV Human Body Model.
TABLE 4-14:
ESD AND LATCH-UP PERFORMANCE
Parameter
Conditions
MIN
TYP
MAX
Units
Comments
ESD PERFORMANCE
Note 4-11
Human Body Model
±8
kV
Device
System
EN/IEC 61000-4-2 Contact
Discharge
±25
kV
3rd party system test
System
EN/IEC 61000-4-2 Air-gap
Discharge
±25
kV
3rd party system test
LATCH-UP PERFORMANCE
All Pins
EIA/JESD 78, Class II
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com