Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB334X Datasheet(PDF) 51 Page - Microchip Technology

Part # USB334X
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB334X Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB334X Datasheet HTML 47Page - Microchip Technology USB334X Datasheet HTML 48Page - Microchip Technology USB334X Datasheet HTML 49Page - Microchip Technology USB334X Datasheet HTML 50Page - Microchip Technology USB334X Datasheet HTML 51Page - Microchip Technology USB334X Datasheet HTML 52Page - Microchip Technology USB334X Datasheet HTML 53Page - Microchip Technology USB334X Datasheet HTML 54Page - Microchip Technology USB334X Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 51
USB334x
Low Speed uses the same Linestate decoding threshold as Full Speed. Low Speed re-defines the Idle state as an inver-
sion of the Full Speed idle to account for the inversion which occurs in the hub repeater path. Linestates are decoded
exactly as in Table 6-4 with the idle as a K state.
6.3.1.1.2
HS Linestate Definition
In HS mode the data transmission is too fast for Linestate to be transmitted with each transition in the data packet. In
HS operation the Linestate is redefined to indicate activity on the USB interface. The Linestate will signal the assertion
and de-assertion of squelch in HS mode.
6.3.1.1.3
HS CHIRP Linestate Definition
There is also a third use of Linestate in HS Chirp where when the Host and Peripheral negotiate the from FS mode to
HS mode. While the transitions from K to J or SE0 are communicated to the Link through the Linestate information.
TABLE 6-4:
USB LINESTATE DECODING IN FS AND LS MODE
Linestate[1:0]
DP SE RX
DM SE RX
State
00
SE0
0
0
USB Reset
01
J (FS idle)
1
0
J State
10
K (LS Idle)
0
1
K State
11
SE1
1
1
SE1
TABLE 6-5:
USB LINESTATE DECODING IN HS MODE
Linestate[1:0]
DP SE RX
DM SE RX
State
00
SE0
0
0
HS Squelch asserted
01
J
1
0
HS Squelch de-asserted
10
K
0
1
Invalid State
11
SE1
1
1
Invalid State
TABLE 6-6:
USB LINESTATE DECODING IN HS CHIRP MODE
Linestate[1:0]
DP SE RX
DM SE RX
State
00
SE0
0
0
HS Squelch asserted
01
J
1
0
HS Squelch de-asserted & HS
differential Receiver = 1
10
K
0
1
HS Squelch de-asserted & HS
differential Receiver = 0
11
SE1
1
1
Invalid State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com