Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB334X Datasheet(PDF) 37 Page - Microchip Technology

Part # USB334X
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB334X Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB334X Datasheet HTML 33Page - Microchip Technology USB334X Datasheet HTML 34Page - Microchip Technology USB334X Datasheet HTML 35Page - Microchip Technology USB334X Datasheet HTML 36Page - Microchip Technology USB334X Datasheet HTML 37Page - Microchip Technology USB334X Datasheet HTML 38Page - Microchip Technology USB334X Datasheet HTML 39Page - Microchip Technology USB334X Datasheet HTML 40Page - Microchip Technology USB334X Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
2009-2018 Microchip Technology Inc.
DS00002646A-page 37
USB334x
5.7.2.4
VBUS Pulsing with Pull-up and Pull-down Resistors
In addition to the internal VBUS comparators, the USB334x also includes the integrated VBUS pull-up and pull-down
resistors used for VBUS Pulsing during OTG Session Request Protocol. To discharge the VBUS voltage so that a Ses-
sion Request can begin, the USB334x provides a pull-down resistor from VBUS to GND. This resistor is controlled by
the DischargeVbus bit 3 of the OTG Control register. The pull-up resistor is connected between VBUS and VDD33. This
resistor is used to pull VBUS above 2.1 volts so that the A-Device knows that a USB session has been requested. The
state of the pull-up resistor is controlled by the bit 4 ChargeVbus of the OTG Control register. The Pull-Up and Pull-Down
resistor values are detailed in Table 4-9.
The internal VBUS Pull-up and Pull-down resistors are designed to include the RVBUS external resistor in series. This
external resistor is used by the VBUS Over voltage protection described below.
5.7.2.5
VBUS Input Impedance
The OTG Supplement requires an A-Device that supports Session Request Protocol to have a VBUS input impedance
less than 100kΩ and greater the 40kΩ to ground. The USB334x provides a 75kΩ resistance to ground, RVB. The RVB
resistor tolerance is detailed in Table 4-9.
5.7.2.6
VBUS Over Voltage Protection (OVP)
The USB334x provides an integrated over voltage protection circuit to protect the VBUS pin from excessive voltages
that may be present at the USB connector. The over voltage protection circuit works with an external resistor (RVBUS)
by drawing current across the resistor to reduce the voltage at the VBUS pin.
When voltage at the VBUS pin exceeds 5.5V, the Over voltage Protection block will sink current to ground until VBUS
is below 5.5V. The current drops the excess voltage across RVBUS and protects the USB334x VBUS pin. The required
RVBUS value is dependent on the operating mode of the USB334x as shown in Table 5-6.
The Over voltage Protection circuit is designed to protect the USB334x from continuous voltages up to 30V on the
RVBUS resistor.
The RVBUS resistor must be sized to handle the power dissipated across the resistor. The resistor power can be found
using the equation below:
For example, protecting a peripheral or device only application to 15V would require a 20kΩ RVBUS resistor with a power
rating of 0.05W. To protect an OTG product to 15V would require a 1kΩ RVBUS resistor with a power rating of 0.1W.
TABLE 5-6:
REQUIRED RVBUS RESISTOR VALUE
Operating Mode
RVBUS
Device only
20kΩ ±5%
OTG Host Capable of less than 100mA of current on VBUS
1kΩ ±5%
Host or OTG Host capable of >100mA
UseExternalVbusIndicator = 1
20kΩ ±5%
PRVBUS
Vprotect 5.0

2
RVBUS
--------------------------------------------
=
Where:
• Vprotect is the VBUS protection required.
•RVBUS is the resistor value, 1kΩ or 20kΩ.
•PRVBUS is the required power rating of RVBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com