Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS213 Datasheet(PDF) 4 Page - Neotec Semiconductor Ltd.

Part # CS213
Description  Protection IC for 1-Cell Battery Pack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

CS213 Datasheet(HTML) 4 Page - Neotec Semiconductor Ltd.

  CS213 Datasheet HTML 1Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 2Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 3Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 4Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 5Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 6Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 7Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 8Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 9Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CS213
Neotec Semiconductor Ltd.
4/13
CS213DS V1.5 2014/07/18
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
Electrical Characteristics
Symbol
Item
Conditions
MIN
TYP
MAX
Unit
Detection Voltage
VDET1
Over-charge detection voltage
--
4.250
4.290
4.330
V
VREL1
Over-charge release voltage
--
3.990
4.090
4.190
V
VDET2
Over-discharge detection voltage
--
2.4
2.5
2.6
V
VREL2
Over-discharge release voltage
--
2.6
2.7
2.8
V
VDET3
Discharge over-current detection
voltage
VDD=3.5V
0.12
0.15
0.18
V
VSHORT
Load short-circuiting detection
voltage
VDD=3.5V
0.16
0.50
0.84
V
Detection Delay Time
tVDET1
Output delay time of over-charge
-
64
160
256
ms
tVDET2
Output delay time of over-discharge
-
7.2
18.0
28.8
ms
tVDET3
Output delay time of discharge
over-current
VDD=3.5V
2.6
6.5
10.4
ms
tSHORT
Output delay time of Load
short-circuiting detection
VDD=3.5V
120
300
480
μs
Current Consumption
VDD
Operating input voltage
VDD - VSS
2.2
6.0
V
IDD
Supply current
VDD=3.5V, V-=0V
1.0
3.0
7.0
μA
0V battery Charging Function
V0CHA
0 V battery charge starting charger
voltage
0 V battery charging
function “available”
1.0
V
(Ta = -40~85
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com