Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS213 Datasheet(PDF) 1 Page - Neotec Semiconductor Ltd.

Part # CS213
Description  Protection IC for 1-Cell Battery Pack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

CS213 Datasheet(HTML) 1 Page - Neotec Semiconductor Ltd.

  CS213 Datasheet HTML 1Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 2Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 3Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 4Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 5Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 6Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 7Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 8Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 9Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CS213
Neotec Semiconductor Ltd.
1/13
CS213DS V1.5 2014/07/18
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
Protection IC for 1-Cell Battery Pack
Features
Detection Accuracy
Over-charge Detection:
±40mV
Over-discharge Detection:
±100mV
Discharge Over-current Detection:
±20mV
High Withstand Voltage
Absolute maximum ratings: 28V
(V- pin and CO pin)
Ultra Small Package
SOT-23-6
Description
The CS213 is the 1-cell protection IC for
lithium-ion/lithium-polymer rechargeable battery pack.
This protection IC was developed for use with
lithium-ion/lithium polymer 1-cell serial batteries.
It detects over-charge, over-discharge, discharge
over-current and other abnormalities, and functions to
protect the battery by turning off the external FETs.
The IC also has a built-in timer circuit (for detection
delay times), so fewer external parts can be used in
protection circuit configuration.
The tiny package is especially suitable for compact
portable device, i.e. slim mobile phone and Bluetooth
earphone.
Application
Mobile phone battery packs
Digital camera battery packs
Bluetooth earphone Li-ion battery module
Typical Application Circuit


Similar Part No. - CS213

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS2132 HVPSI-CS2132 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
More results

Similar Description - CS213

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com