Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS213 Datasheet(PDF) 2 Page - Neotec Semiconductor Ltd.

Part # CS213
Description  Protection IC for 1-Cell Battery Pack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

CS213 Datasheet(HTML) 2 Page - Neotec Semiconductor Ltd.

  CS213 Datasheet HTML 1Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 2Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 3Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 4Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 5Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 6Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 7Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 8Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 9Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CS213
Neotec Semiconductor Ltd.
2/13
CS213DS V1.5 2014/07/18
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
Package and Pin Description
Pin assignment compatible with
RICOH R542X,
SEIKO S-8261,
RICHTEK RT9541CER,
FORTUNE DW-01, DW-02.
Ordering Information
CS213-XXX XX X
Product Name List
Detection voltage:
Remark: Please contact our sales office for the products with detection voltage value other than those specified above.
Pin No.
Symbol
Description
1
DO
Connection of discharge control FET gate
2
V-
Voltage detection between V- pin and VSS pin
(Over-current / charger detection pin)
3
CO
Connection of charge control FET gate
4
NC
No connection
5
VDD
Connection for positive power supply input
6
VSS
Voltage detection between V- pin and VSS pin
(Over-current / charger detection pin)
CS213
Over-charge
Detection
Voltage
VDET1 (V)
Over-charge
Release Voltage
VREL1 (V)
Over-discharge
Detection
Voltage
VDET2 (V)
Over-discharge
Release Voltage
VREL2 (V)
Discharge
Over-current
Detection
Voltage
VDET3 (V)
0V Battery
Charge
Function
Power down
mode
Function
XLK
4.290
4.090
2.500
2.700
0.150
Available
No
NT1758
1
2
3
6
5
4
NT1758
NT1758
NT1758
1
2
3
6
5
4
NT1758
NT1758
SOT-23-6
Version Type
Package Type
A6: SOT-23-6
Serial number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com