Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS213 Datasheet(PDF) 13 Page - Neotec Semiconductor Ltd.

Part # CS213
Description  Protection IC for 1-Cell Battery Pack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

CS213 Datasheet(HTML) 13 Page - Neotec Semiconductor Ltd.

Back Button CS213 Datasheet HTML 5Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 6Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 7Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 8Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 9Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 10Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 11Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 12Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 13Page - Neotec Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
CS213
Neotec Semiconductor Ltd.
13/13
CS213DS V1.5 2014/07/18
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
Package Information
θ°
L
L1
θ1
θ1
θ°
L
L1
θ1
θ1
SYMBOL
MIN
NOM
MAX
A
--
1.45
A1
0.00
-
0.15
A2
0.90
1.15
1.30
b
0.30
0.4
0.50
c
0.08
-
0.22
D
2.70
2.90
3.10
E
2.60
2.80
3.00
E1
1.40
1.60
1.80
e
-
0.95 BSC
-
e1
-
1.90 BSC
-
L
0.30
0.45
0.60
L1
-
0.6 REF
-
L2
-
0.25 BSC
-
θ
0°
4°
8°
θ1
5°
10°
15°
NOTES: 1. All dimensions show in mm
2. Reference: JEDECMO-178AA
3. SOT23-5 / SOT23-6
SYMBOL
MIN
NOM
MAX
A
--
1.45
A1
0.00
-
0.15
A2
0.90
1.15
1.30
b
0.30
0.4
0.50
c
0.08
-
0.22
D
2.70
2.90
3.10
E
2.60
2.80
3.00
E1
1.40
1.60
1.80
e
-
0.95 BSC
-
e1
-
1.90 BSC
-
L
0.30
0.45
0.60
L1
-
0.6 REF
-
L2
-
0.25 BSC
-
θ
0°
4°
8°
θ1
5°
10°
15°
NOTES: 1. All dimensions show in mm
2. Reference: JEDECMO-178AA
3. SOT23-5 / SOT23-6
A2
A1
A
A2
A1
A
1
e
b
D
e1
E1
1
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com