Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2808NMFS Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 42Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 43Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 44Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 45Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 46Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 47Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 48Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 49Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 155 page
background image
8.14.4.1.4.5 HALT Mode Timing Requirements
MIN
MAX
UNIT
tw(WAKE-GPIO)
Pulse duration, GPIO wake-up signal
toscst + 2tc(OSCCLK) (1)
cycles
tw(WAKE-XRS)
Pulse duration, XRS wakeup signal
toscst + 8tc(OSCCLK)
cycles
(1)
See Section 8.14.2.1 for an explanation of toscst.
8.14.4.1.4.6 HALT Mode Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(IDLE-XCOL)
Delay time, IDLE instruction executed to XCLKOUT low
32tc(SCO)
45tc(SCO)
cycles
tp
PLL lock-up time
131072tc(OSCCLK)
cycles
td(WAKE-HALT)
Delay time, PLL lock to program execution resume
•
Wake up from flash
–
Flash module in sleep state
1125tc(SCO)
cycles
•
Wake up from SARAM
35tc(SCO)
cycles
td(IDLE−XCOL)
X1/X2
or XCLKIN
XCLKOUT
HALT
HALT
Wake-up Latency
Flushing Pipeline
td(WAKE−HALT)
(A)
(B)
(C)
(D)
Device
Status
(E)
(G)
(F)
PLL Lock-up Time
Normal
Execution
tw(WAKE-GPIO)
tp
GPIOn
Oscillator Start-up Time
A. IDLE instruction is executed to put the device into HALT mode.
B. The PLL block responds to the HALT signal. SYSCLKOUT is held for approximately 32 cycles (if CLKINDIV = 0) or 64 cycles (if
CLKINDIV = 1) before the oscillator is turned off and the CLKIN to the core is stopped. This delay enables the CPU pipe and any other
pending operations to flush properly.
C. Clocks to the peripherals are turned off and the PLL is shut down. If a quartz crystal or ceramic resonator is used as the clock source,
the internal oscillator is shut down as well. The device is now in HALT mode and consumes absolute minimum power.
D. When the GPIOn pin (used to bring the device out of HALT) is driven low, the oscillator is turned on and the oscillator wake-up sequence
is initiated. The GPIO pin should be driven high only after the oscillator has stabilized. This enables the provision of a clean clock signal
during the PLL lock sequence. Since the falling edge of the GPIO pin asynchronously begins the wakeup process, care should be taken
to maintain a low noise environment prior to entering and during HALT mode.
E. Once the oscillator has stabilized, the PLL lock sequence is initiated, which takes 131,072 OSCCLK (X1/X2 or X1 or XCLKIN) cycles.
Note that these 131,072 clock cycles are applicable even when the PLL is disabled (that is, code execution will be delayed by this
duration even when the PLL is disabled).
F. Clocks to the core and peripherals are enabled. The HALT mode is now exited. The device will respond to the interrupt (if enabled), after
a latency.
G. Normal operation resumes.
Figure 8-14. HALT Wake-Up Using GPIOn
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
46
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com