Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2808NMFS Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 14Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 15Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 16Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 17Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 18Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 19Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 20Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 21Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 155 page
background image
Table 7-1. Signal Descriptions (continued)
NAME
PIN NO.
DESCRIPTION (1)
PZ
PIN #
GGM/
ZGM
BALL #
GPIO17
SPISOMIA
CANRXB
TZ6
52
J10
General-purpose input/output 17 (I/O/Z)(5)
SPI-A slave out, master in (I/O)
Enhanced CAN-B receive (I) (not available on 2801, 2802, F2806)
Trip zone input 6 (I)
GPIO18
SPICLKA
SCITXDB
-
-
54
H8
General-purpose input/output 18 (I/O/Z)(5)
SPI-A clock input/output (I/O)
SCI-B transmit (O) (not available on 2801, 2802)
-
-
GPIO19
SPISTEA
SCIRXDB
-
-
57
G10
General-purpose input/output 19 (I/O/Z)(5)
SPI-A slave transmit enable input/output (I/O)
SCI-B receive (I) (not available on 2801, 2802)
-
-
GPIO20
EQEP1A
SPISIMOC
CANTXB
63
F6
General-purpose input/output 20 (I/O/Z)(5)
Enhanced QEP1 input A (I)
SPI-C slave in, master out (I/O) (not available on 2801, 2802)
Enhanced CAN-B transmit (O) (not available on 2801, 2802, F2806)
GPIO21
EQEP1B
SPISOMIC
CANRXB
67
E7
General-purpose input/output 21 (I/O/Z)(5)
Enhanced QEP1 input A (I)
SPI-C master in, slave out (I/O) (not available on 2801, 2802)
Enhanced CAN-B receive (I) (not available on 2801, 2802, F2806)
GPIO22
EQEP1S
SPICLKC
SCITXDB
71
D8
General-purpose input/output 22 (I/O/Z)(5)
Enhanced QEP1 strobe (I/O)
SPI-C clock (I/O) (not available on 2801, 2802)
SCI-B transmit (O) (not available on 2801, 2802)
GPIO23
EQEP1I
SPISTEC
SCIRXDB
72
C10
General-purpose input/output 23 (I/O/Z)(5)
Enhanced QEP1 index (I/O)
SPI-C slave transmit enable (I/O) (not available on 2801, 2802)
SCI-B receive (I) (not available on 2801, 2802)
GPIO24
ECAP1
EQEP2A
SPISIMOB
83
C7
General-purpose input/output 24 (I/O/Z)(5)
Enhanced capture 1 (I/O)
Enhanced QEP2 input A (I) (not available on 2801, 2802)
SPI-B slave in, master out (I/O)
GPIO25
ECAP2
EQEP2B
SPISOMIB
91
C5
General-purpose input/output 25 (I/O/Z)(5)
Enhanced capture 2 (I/O)
Enhanced QEP2 input B (I) (not available on 2801, 2802)
SPI-B master in, slave out (I/O)
GPIO26
ECAP3
EQEP2I
SPICLKB
99
A2
General-purpose input/output 26 (I/O/Z)(5)
Enhanced capture 3 (I/O) (not available on 2801, 2802)
Enhanced QEP2 index (I/O) (not available on 2801, 2802)
SPI-B clock (I/O)
GPIO27
ECAP4
EQEP2S
SPISTEB
79
C8
General-purpose input/output 27 (I/O/Z)(5)
Enhanced capture 4 (I/O) (not available on 2801, 2802)
Enhanced QEP2 strobe (I/O) (not available on 2801, 2802)
SPI-B slave transmit enable (I/O)
GPIO28
SCIRXDA
-
TZ5
92
D5
General-purpose input/output 28. This pin has an 8-mA (typical) output buffer. (I/O/Z)(5)
SCI receive data (I)
-
Trip zone input 5 (I)
GPIO29
SCITXDA
-
TZ6
4
C3
General-purpose input/output 29. This pin has an 8-mA (typical) output buffer. (I/O/Z)(5)
SCI transmit data (O)
-
Trip zone 6 input (I)
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com