Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2808NMFS Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 80Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 81Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 82Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 83Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 84Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 85Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 86Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 87Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 155 page
background image
9.2.6 Enhanced Analog-to-Digital Converter (ADC) Module
A simplified functional block diagram of the ADC module is shown in Figure 9-7. The ADC module consists of a
12-bit ADC with a built-in sample-and-hold (S/H) circuit. Functions of the ADC module include:
• 12-bit ADC core with built-in S/H
• Analog input: 0.0 V to 3.0 V (Voltages above 3.0 V produce full-scale conversion results.)
• Fast conversion rate: Up to 80 ns at 25-MHz ADC clock, 12.5 MSPS
• 16-channel, MUXed inputs
• Autosequencing capability provides up to 16 "autoconversions" in a single session. Each conversion can be
programmed to select anyone of 16 input channels
• Sequencer can be operated as two independent 8-channel sequencers or as one large 16-channel
sequencer (that is, two cascaded 8-channel sequencers)
• Sixteen result registers (individually addressable) to store conversion values
– The digital value of the input analog voltage is derived by:
Digital Value = 0
, when ADCIN
ADCLO
£
Digital Value = 4095
, when ADCIN
3 V
³
, when ADCLO
ADCIN
3 V
<
<
Digital Value = floor 4096 ´
ADCIN
ADCLO
-
3
(
(
A. All fractional values are truncated.
• Multiple triggers as sources for the start-of-conversion (SOC) sequence
– S/W - software immediate start
– ePWM start of conversion
– XINT2 ADC start of conversion
• Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS.
• Sequencer can operate in "start/stop" mode, allowing multiple "time-sequenced triggers" to synchronize
conversions.
• SOCA and SOCB triggers can operate independently in dual-sequencer mode.
• Sample-and-hold (S/H) acquisition time window has separate prescale control.
The ADC module in the 280x has been enhanced to provide flexible interface to ePWM peripherals. The ADC
interface is built around a fast, 12-bit ADC module with a fast conversion rate of up to 80 ns at 25-MHz ADC
clock. The ADC module has a 16-channel sequencer, configurable as two independent 8-channel sequencers.
The two independent 8-channel sequencers can be cascaded to form a 16-channel sequencer. Although there
are multiple input channels and two sequencers, there is only one converter in the ADC module. Figure 9-7
shows the block diagram of the ADC module.
The two 8-channel sequencer modules have the capability to autosequence a series of conversions, each
module has the choice of selecting any one of the respective eight channels available through an analog MUX.
In the cascaded mode, the autosequencer functions as a single 16-channel sequencer. On each sequencer,
once the conversion is complete, the selected channel value is stored in its respective RESULT register.
Autosequencing allows the system to convert the same channel multiple times, allowing the user to perform
oversampling algorithms. This gives increased resolution over traditional single-sampled conversion results.
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com