Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2808NMFS Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 56Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 57Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 58Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 59Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 60Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 61Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 62Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 63Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 155 page
background image
8.15 On-Chip Analog-to-Digital Converter
8.15.1 ADC Electrical Characteristics
over recommended operating conditions
PARAMETER(1) (2)
MIN
TYP
MAX
UNIT
DC SPECIFICATIONS
Resolution
12
Bits
ADC clock
60-MHz device
0.001
7.5
MHz
100-MHz device
0.001
12.5
100-MHz device (F2809 only)
0.001
25
ACCURACY
INL (Integral nonlinearity)
1–12.5 MHz ADC clock (6.25 MSPS)
±1.5
LSB
12.5–25 MHz ADC clock (12.5 MSPS)
±2
DNL (Differential nonlinearity)(3)
±1
LSB
Offset error(4)
–60
+60
LSB
Offset error with hardware trimming
±4
LSB
Overall gain error with internal reference(5)
–60
+60
LSB
Overall gain error with external reference
–60
+60
LSB
Channel-to-channel offset variation
±4
LSB
Channel-to-channel gain variation
±4
LSB
ANALOG INPUT
Analog input voltage (ADCINx to ADCLO)(6)
0
3
V
ADCLO
–5
0
5
mV
Input capacitance
10
pF
Input leakage current
±5
μA
INTERNAL VOLTAGE REFERENCE (5)
VADCREFP - ADCREFP output voltage at the pin
based on internal reference
1.275
V
VADCREFM - ADCREFM output voltage at the pin
based on internal reference
0.525
V
Voltage difference, ADCREFP - ADCREFM
0.75
V
Temperature coefficient
50
PPM/°C
EXTERNAL VOLTAGE REFERENCE (5) (7)
VADCREFIN - External reference voltage input on
ADCREFIN pin 0.2% or better accurate
reference recommended
ADCREFSEL[15:14] = 11b
1.024
V
ADCREFSEL[15:14] = 10b
1.500
V
ADCREFSEL[15:14] = 01b
2.048
V
AC SPECIFICATIONS
SINAD (100 kHz) Signal-to-noise ratio +
distortion
67.5
dB
SNR (100 kHz) Signal-to-noise ratio
68
dB
THD (100 kHz) Total harmonic distortion
–79
dB
ENOB (100 kHz) Effective number of bits
10.9
Bits
SFDR (100 kHz) Spurious free dynamic range
83
dB
(1)
Tested at 12.5 MHz ADCCLK.
(2)
All voltages listed in this table are with respect to VSSA2.
(3)
TI specifies that the ADC will have no missing codes.
(4)
1 LSB has the weighted value of 3.0/4096 = 0.732 mV.
(5)
A single internal/external band gap reference sources both ADCREFP and ADCREFM signals, and hence, these voltages track
together. The ADC converter uses the difference between these two as its reference. The total gain error listed for the internal
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com