Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T36 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T36
Description  CMOS 32K x 8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T36 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T36 Datasheet HTML 3Page - STMicroelectronics M48T36 Datasheet HTML 4Page - STMicroelectronics M48T36 Datasheet HTML 5Page - STMicroelectronics M48T36 Datasheet HTML 6Page - STMicroelectronics M48T36 Datasheet HTML 7Page - STMicroelectronics M48T36 Datasheet HTML 8Page - STMicroelectronics M48T36 Datasheet HTML 9Page - STMicroelectronics M48T36 Datasheet HTML 10Page - STMicroelectronics M48T36 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Symbol
Parameter
M48T36Y
Unit
-70
Min
Max
tAVAV
Write Cycle Time
70
ns
tAVWL
Address Valid to Write Enable Low
0
ns
tAVEL
Address Valid to Chip Enable Low
0
ns
tWLWH
Write Enable Pulse Width
50
ns
tELEH
Chip Enable Low to Chip Enable High
55
ns
tWHAX
Write Enable High to Address Transition
0
ns
tEHAX
Chip Enable High to Address Transition
0
ns
tDVWH
Input Valid to Write Enable High
30
ns
tDVEH
Input Valid to Chip Enable High
30
ns
tWHDX
Write Enable High to Input Transition
5
ns
tEHDX
Chip Enable High to Input Transition
5
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
25
ns
tAVWH
Address Valid to Write Enable High
60
ns
tAVE1H
Address Valid to Chip Enable High
60
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
5
ns
Notes: 1. CL = 5pF (see Figure 4).
2. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Table 9. Write Mode AC Characteristics
(TA = 0 to 70
°C; VCC = 4.5V to 5.5V)
Byte 7FF8h is the clock control register. This byte
controls user access to the clock information and
also stores the clock calibration setting.
Byte 7FF7h contains the watchdog timer setting.
The watchdog timer detects an out-of-control mi-
croprocessor and provides a reset or interrupt to it.
Byte 7FF2h-7FF5h are reserved for clock alarm
programming. These bytes can be used to set the
alarm. This will generate an active low signal on the
IRQ/FT pin when the alarm bytes match the date,
hours, minutes and seconds of the clock.
The eight clock bytes are not the actual clock
counters themselves; they are memory locations
consisting of BiPORT
™ read/write memory cells.
The M48T36 includes a clock control circuit which
updates the clock bytes with current information
once per second.
The information can be ac-
cessed by the user in the same manner as any
other location in the static memory array.
The M48T36 also has its own Power-fail Detect
circuit. The control circuitry constantly monitors the
single 5V supply for an out of tolerance condition.
When VCC is out of tolerance, the circuit write
protects the SRAM, providing a high degree of data
security in the midst of unpredictablesystem opera-
tion brought on by low VCC.As VCC falls below
approximately 3V, the control circuitry connects the
battery which maintains data and clock operation
until valid power returns.
READ MODE
The M48T36 is in the Read Mode whenever W
(Write Enable) is high and E (Chip Enable) is low.
The unique address specified by the 15 Address
Inputs defines which one of the 32,768 bytes of
data is to be accessed. Valid data will be available
at the Data I/O pins within tAVQV (Address Access
Time) after the last address input signal is stable,
providing that the E and G access times are also
satisfied. If the E and G access times are not met,
DESCRIPTION (cont’d)
7/17
M48T36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com