Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T36 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48T36
Description  CMOS 32K x 8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T36 Datasheet(HTML) 3 Page - STMicroelectronics

  M48T36 Datasheet HTML 1Page - STMicroelectronics M48T36 Datasheet HTML 2Page - STMicroelectronics M48T36 Datasheet HTML 3Page - STMicroelectronics M48T36 Datasheet HTML 4Page - STMicroelectronics M48T36 Datasheet HTML 5Page - STMicroelectronics M48T36 Datasheet HTML 6Page - STMicroelectronics M48T36 Datasheet HTML 7Page - STMicroelectronics M48T36 Datasheet HTML 8Page - STMicroelectronics M48T36 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.5V to 5.5V
VIH
X
X
High Z
Standby
Write
VIL
XVIL
DIN
Active
Read
VIL
VIL
VIH
DOUT
Active
Read
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(2)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO
X
X
X
High Z
Battery Back-up Mode
Notes:1. X = VIH or VIL
2. See Table 6 for details.
Table 3. Operating Modes (1)
AI01626
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
RST
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
8 x 8 BiPORT
SRAM ARRAY
32,752 x 8
SRAM ARRAY
A0-A14
DQ0-DQ7
E
W
G
POWER
IRQ/FT
WDI
8 x 8 ALARM
WATCHDOG
FLAGS
BATTERY LOW
Figure 3. Block Diagram
3/17
M48T36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com