Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T36 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48T36
Description  CMOS 32K x 8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T36 Datasheet(HTML) 2 Page - STMicroelectronics

  M48T36 Datasheet HTML 1Page - STMicroelectronics M48T36 Datasheet HTML 2Page - STMicroelectronics M48T36 Datasheet HTML 3Page - STMicroelectronics M48T36 Datasheet HTML 4Page - STMicroelectronics M48T36 Datasheet HTML 5Page - STMicroelectronics M48T36 Datasheet HTML 6Page - STMicroelectronics M48T36 Datasheet HTML 7Page - STMicroelectronics M48T36 Datasheet HTML 8Page - STMicroelectronics M48T36 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W
Note: Stresses greater than those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to the absolute maximum ratings conditions for extended periods of time may affect reliability.
CAUTION: Negative undershoots below –0.3 volts are not allowed on any pin while in the Battery Back-up mode.
Table 2. Absolute Maximum Ratings
A1
A0
NC
A4
RST
WDI
A2
A3
IRQ/FT
A9
A10
A11
G
DQ7
NC
NC
NC
E
DQ6
DQ1
VSSQ
DQ3
VSS
DQ4
NC
A13
VCCQ
A12
A5
A14
VCC
A6
AI01625
M48T36
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
NC
DQ0
NC
NC
NC
NC
44
39
38
37
36
35
34
33
NC
A8
DQ2
21
DQ5
40
43
1
42
41
A7
W
Figure 2A. DIP Pin Connections
DESCRIPTION
The M48T36 TIMEKEEPER
™ RAM is a 32K x 8
non-volatile static RAM and real time clock. The
monolithic chip is available in a special package to
provide a highly integrated battery backed-up
memory and real time clock solution. The M48T36
is a non-volatile pin and function equivalent to any
JEDEC standard 32K x 8 SRAM. It also easily fits
into many ROM, EPROM, and EEPROM sockets,
providing the non-volatility of PROMs without any
requirement for special write timing or limitations on
the number of writes that can be performed.
The 44 pin 330mil SO provides sockets with gold
plated contacts at both ends for direct connection
to a separate SNAPHAT
™ housing containing the
battery and crystal. The unique design allows the
SNAPHAT battery package to be mounted on top
of the SO package after the completion of the
surface mount process.
Insertion of the SNAPHAT housing after reflow
prevents potential battery and crystal damage due
to the high temperatures required for device sur-
face-mounting. The SNAPHAT housing is keyed to
prevent reverse insertion.
The SO and battery packages are shipped sepa-
rately in plastic anti-static tubes. The SO package
is also available to ship in Tape & Reel form. For
the44leadSO, thebattery package (i.e.
SNAPHAT) part number is ”M4T44-BR12SH1”.
As Figure 3 shows, the static memory array and the
quartz controlled clock oscillator of the M48T36 are
integrated on one silicon chip. The two circuits are
interconnected at the upper eight memory locations
to provide user accessible BYTEWIDE
™ clock in-
formation in the bytes with addresses 7FF9h-
7FFFh. The clock locations contain the year,
month, date, day, hour, minute, and second in 24
hour BCD format. Corrections for 28, 29 (leap
year), 30, and 31 day months are made automat-
ically.
Warning: NC = Not Connected
2/17
M48T36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com