Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE8082ES Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 3Page - Infineon Technologies AG TLE8082ES Datasheet HTML 4Page - Infineon Technologies AG TLE8082ES Datasheet HTML 5Page - Infineon Technologies AG TLE8082ES Datasheet HTML 6Page - Infineon Technologies AG TLE8082ES Datasheet HTML 7Page - Infineon Technologies AG TLE8082ES Datasheet HTML 8Page - Infineon Technologies AG TLE8082ES Datasheet HTML 9Page - Infineon Technologies AG TLE8082ES Datasheet HTML 10Page - Infineon Technologies AG TLE8082ES Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
2
Pin configuration
24
23
22
21
20
19
18
7
8
9
10
11
12
1
2
3
4
5
6
17
16
15
14
13
18
17
16
15
14
13
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
VG
V6VI
CP
VS
KEY
OUT4
OUT3
PGND
OUT2
OUT1
PGND
NRIO
V5VI
AGND
COM5V
CFB4
IN4
IN23
IN1
SO
SI
SCK
CSN
T5V
Figure 2
Pin configuration
Table 1
Pin definition and functions
Pin #
Pin name
Function
Description
1
VG
OUT
Control Output of Pre-Regulator: connect gate of external MOSFET,
add external capacitor
2
V6VI
IN
Pre-Regulator Control Input: connect source of external MOSFET,
supply input for sensor and communication supplies, add external
capacitor
3
CP
OUT
Charge-Pump Output: add external capacitor
4
VS
IN
Battery Supply Input
5
KEY
IN
KEY Input
6
OUT4
OUT
Low-Side Power Stage 4
7
OUT3
OUT
Low-Side Power Stage 3
8
PGND
GND
Power Ground: connect to cooling tab, must be connected externally
9
OUT2
OUT
Low-Side Power Stage 2
10
OUT1
OUT
Low-Side Power Stage 1
11
PGND
GND
Power Ground: connect to cooling tab, must be connected externally
12
NRIO
IN/OUT
Reset Input/Output: open drain low active, add pull up resistor
13
CSN
IN
SPI Slave Chip Select Input
14
SCK
IN
SPI Slave Clock Input
15
SI
IN
SPI Slave Data Input
16
SO
OUT
SPI Slave Data Output
17
IN1
IN
Control Input of Power Stage 1
18
IN23
IN
Control Input of Power Stage 2 and 3
19
IN4
IN
Control Input of Power Stage 4
TLE8082ES
Small engine management IC
Pin configuration
Datasheet
7
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com