Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE8082ES Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE8082ES Datasheet HTML 1Page - Infineon Technologies AG TLE8082ES Datasheet HTML 2Page - Infineon Technologies AG TLE8082ES Datasheet HTML 3Page - Infineon Technologies AG TLE8082ES Datasheet HTML 4Page - Infineon Technologies AG TLE8082ES Datasheet HTML 5Page - Infineon Technologies AG TLE8082ES Datasheet HTML 6Page - Infineon Technologies AG TLE8082ES Datasheet HTML 7Page - Infineon Technologies AG TLE8082ES Datasheet HTML 8Page - Infineon Technologies AG TLE8082ES Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
TLE8082ES
Small engine management IC
Features
•
Power supplies
-
Voltage pre-regulator with external FET
-
5 V sensor supply (tracking 5 V supply input)
-
5 V communication supply (tracking 5 V supply input)
•
Permanent supply feature
-
dedicated KEY input
-
After-run functionality
•
4 low side drivers for inductive loads with overtemperature and
overcurrent protection and open load/short to GND in off diagnosis
-
3 low-side power stages
-
1 low-side power stage with current measurement feature (O2-heater)
•
Window watchdog module
•
Serial Peripheral Interface (SPI)
•
Green Product (RoHS compliant)
Potential applications
All automotive applications, in particular
•
Motorcycles, 2- and 3-wheelers and scooters
•
Watercraft, marines and jet-skis
•
Snow mobiles
Product validation
Qualified for automotive applications. Product validation according to AEC-Q100.
Description
The TLE8082ES is a companion IC to TLE8080-xEM or TLE8088EM that includes enhanced functions and features
to support OBDII-compliant EURO5/ BHARATVI 2-/3-wheeler combustion engine systems with the focus on
enhanced Electronic Fuel Injection (EFI) technologies.
It is protected against overtemperature and overcurrent and provides diagnostic features for each integrated
power stage. The TLE8082ES integrates a pre-regulator for external FETs, a sensor supply, a communication
supply for on-board transceivers, an SPI interface and four power stages to drive different load types used in
engine management systems.
The IC is a compact and cost optimized solution to meet modern emission standards and regulations of engine
management systems.
Datasheet
Please read the Important Notice and Warnings at the end of this document
Rev. 1.0
www.infineon.com/small-engine-management-ic
2021-03-23


Similar Part No. - TLE8082ES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8080-2EM INFINEON-TLE8080-2EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
More results

Similar Description - TLE8082ES

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33812 FREESCALE-33812 Datasheet
480Kb / 25P
SMALL ENGINE CONTROL IC
33813 FREESCALE-33813 Datasheet
2Mb / 54P
One Cylinder Small Engine Control IC
MC33814 FREESCALE-MC33814 Datasheet
2Mb / 50P
Two Cylinder Small Engine Control IC
logo
Infineon Technologies A...
TLE8888-1QK INFINEON-TLE8888-1QK_15 Datasheet
3Mb / 202P
Engine Management System IC for 4 Cylinder Cars
Rev. 1.1, 2014-08-20
logo
STMicroelectronics
L9779WD STMICROELECTRONICS-L9779WD Datasheet
2Mb / 170P
Multifunction IC for engine management system
14-Sep-2015
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
logo
NXP Semiconductors
MC33814 NXP-MC33814 Datasheet
3Mb / 71P
Two cylinder small engine control IC
Rev. 13.0, 12/2019
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com