Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE8082ES Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 5Page - Infineon Technologies AG TLE8082ES Datasheet HTML 6Page - Infineon Technologies AG TLE8082ES Datasheet HTML 7Page - Infineon Technologies AG TLE8082ES Datasheet HTML 8Page - Infineon Technologies AG TLE8082ES Datasheet HTML 9Page - Infineon Technologies AG TLE8082ES Datasheet HTML 10Page - Infineon Technologies AG TLE8082ES Datasheet HTML 11Page - Infineon Technologies AG TLE8082ES Datasheet HTML 12Page - Infineon Technologies AG TLE8082ES Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
3
General product characteristics
3.1
Maximum ratings
Table 2
Maximum ratings
TJ = -40°C to 150°C; all voltages with respect to AGND = PGND, positive current flowing into pin (unless
otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Battery
supply pin VS
VVS,mr
-0.3 –
40
V
DS-34
Charge pump
pin CP
VCP,mr
-0.3 –
40
V
In addition, the maximum ratings
parameter Charge pump pin CP to pin
VS must be observed.
DS-35
Charge pump
pin CP to pin
VS
VCP_VS,mr
-0.3 –
6
V
VCP_VS,mr = VCP - VVS
In addition, the maximum ratings
parameter Charge pump pin CP must be
observed.
DS-36
Key
detection
input pin KEY
VKEY,mr
-0.3 –
40
V
DS-37
Preregulator
gate output
pin VG
VVG,mr
-0.3 –
40
V
In addition, the maximum ratings
parameter Preregulator gate output pin
VG to pin CP must be observed.
DS-38
Preregulator
gate output
pin VG to pin
CP
VVG_CP,mr
-40
–
0.3
V
VVG_CP,mr = VVG - VCP
In addition, the maximum ratings
parameter Preregulator gate output pin
VG must be observed.
DS-40
6V input pin
V6VI
VV6VI,mr
-0.3 –
40
V
DS-41
Sensor
supply
output pin
T5V
VT5V,mr
-1
–
40
V
DS-42
5V supply
input V5VI
VV5VI,mr
-0.3 –
5.5
V
DS-43
Analog
ground pin
AGND
VAGND,mr
-0.3 –
0.3
V
related to PGND
DS-44
Communicati
on supply
output
COM5V
VCOM5V,mr -0.3 –
5.5
V
DS-45
TLE8082ES
Small engine management IC
General product characteristics
Datasheet
9
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com