Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE8082ES Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8082ES
Description  Small engine management IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8082ES Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8082ES Datasheet HTML 6Page - Infineon Technologies AG TLE8082ES Datasheet HTML 7Page - Infineon Technologies AG TLE8082ES Datasheet HTML 8Page - Infineon Technologies AG TLE8082ES Datasheet HTML 9Page - Infineon Technologies AG TLE8082ES Datasheet HTML 10Page - Infineon Technologies AG TLE8082ES Datasheet HTML 11Page - Infineon Technologies AG TLE8082ES Datasheet HTML 12Page - Infineon Technologies AG TLE8082ES Datasheet HTML 13Page - Infineon Technologies AG TLE8082ES Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Table 2
Maximum ratings (continued)
TJ = -40°C to 150°C; all voltages with respect to AGND = PGND, positive current flowing into pin (unless
otherwise specified).
Parameter
Symbol
Values
Unit
Note or condition
P-Number
Min. Typ. Max.
Current
feedback
ouput pin
CFB4
VCFB4,mr
-0.3 –
5.5
V
DS-46
Direct input
pin IN1
VIN1,mr
-0.3 –
5.5
V
DS-47
Direct drive
input pin
IN23
VIN23,mr
-0.3 –
5.5
V
DS-264
Direct drive
input pin IN4
VIN4,mr
-0.3 –
5.5
V
DS-48
SPI output
pin SO
VSO,mr
-0.3 –
5.5
V
In addition, the maximum ratings
parameter SPI output pin SO to pin V5VI
must be observed.
DS-49
SPI output
pin SO to pin
V5VI
VSO,V5VI,mr -5.5 –
0.3
V
VSO,V5VI,mr = VSO - VV5VI
In addition, the maximum ratings
parameter SPI output pin SO must be
observed.
DS-266
SPI input pin
SI
VSI,mr
-0.3 –
5.5
V
DS-50
SPI clock
input pin SCK
VSCK,mr
-0.3 –
5.5
V
DS-51
SPI chip
select input
pin CSN
VCSN,mr
-0.3 –
5.5
V
DS-52
Reset input
output pin
NRIO
VNRIO,mr
-0.3 –
5.5
V
DS-53
Power stage
output OUT1
VOUT1,mr
-0.3 –
50
V
repetitive clamping allowed
DS-54
Power stage
output OUT2
VOUT2,mr
-0.3 –
50
V
repetitive clamping allowed
DS-55
Power stage
output OUT3
VOUT3,mr
-0.3 –
35
V
repetitive clamping allowed
DS-56
Power stage
output OUT4
VOUT4,mr
-0.3 –
35
V
repetitive clamping allowed
DS-57
Note:
Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
TLE8082ES
Small engine management IC
General product characteristics
Datasheet
10
Rev. 1.0
2021-03-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com