Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BPD1002 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  BPD1002 Datasheet HTML 1Page - Bel Fuse Inc. BPD1002 Datasheet HTML 2Page - Bel Fuse Inc. BPD1002 Datasheet HTML 3Page - Bel Fuse Inc. BPD1002 Datasheet HTML 4Page - Bel Fuse Inc. BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 4 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
L
LT
3
X1
L1
L2
L3
N
LT
2
LT
1
N
Y
YY
04017
Phase to Phase Configuration
With standard back plane version (Y-configuration)
For LT models exclusively
The layout of the standard back planes also allows phase to
phase connection at low mains voltage 208 V, e.g. USA, pro-
viding full output power from the LT units. In such cases one of
the two input lines (L1 or L2) should be connected to the N-
terminal at the AC input connector instead of the neutral line.
The neutral line is not connected. For safety reasons an
external fuse should be fitted in each input line. Connection to
the ground is mandatory.
Fig. 5
Phase to phase configuration L1, L2
120/208 VAC (e.g. USA): LT models only.
Not applicable for UT models.
Mains Input Section
Connection to the Mains
Connection to the mains shall be made via the 6-pole screw
terminal connector (X1), located on the right hand side of the
back plane (view from the rear).
For single phase operation the terminals (L1, L2 and L3) at
the female connector X1 should be connected together. The T
Series has two AC input voltage ranges. The LT units are
optimized for the 230 V mains, the UT units for the
120 V mains; see also the T Series data sheet on our website.
Single-phase/3-phase (Y) Configuration
Standard back plane version (Y-configuration)
The layout of the standard back planes allows operation of the
system either in single phase or in 3-phase (Y) configuration.
In both configurations each T unit on the back plane is
connected between its defined phase and neutral. For single
phase operation the AC-input terminals (L1, L2 and L3)
should be connected together at the female connector. Con-
nections to neutral and to ground are mandatory. (See also
fig.: Single phase configuration as well as fig.: 3-phase (Y)
configuration.) Equal load distribution on the input lines at 3-
phase configuration will compensate the low frequency ripple
at the output to zero.
Fig. 3
Single phase configuration L, N
230 VAC: LT models
120 VAC: UT models, LT models 1
Fig. 4
3-phase (Y) configuration L1, L2, L3, N
230/400 VAC:
LT models
120/208 VAC:
UT models, LT models 1
1
Reduced output power with LT models
L1
LT/UT
3
X1
L1
L2
L3
N
LT/UT
2
LT/UT
1
N
L2
L3
Y
Y
Y
04018
Table 2: Mains input arrangement
Mains voltage
Single phase
3-phase (Y)
Phase - phase (
)
3-phase (
)
Phase-Earth/Phase-Phase
L, N,
L1, L2, L3, N,
L1, L2,
L1, L2, L3,
230/400 V
LT models
LT models
Not allowed
Not allowed
120/208 V
(LT models)
LT models
LT models only
With special back plane
UT models
UT models
External fuses required
BPF 1037 and
LT models only
L1
LT
3
X1
L1
L2
L3
N
LT
2
LT
1
L2
Y
Y
Y
04019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com