Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BPD1002 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  BPD1002 Datasheet HTML 1Page - Bel Fuse Inc. BPD1002 Datasheet HTML 2Page - Bel Fuse Inc. BPD1002 Datasheet HTML 3Page - Bel Fuse Inc. BPD1002 Datasheet HTML 4Page - Bel Fuse Inc. BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 5 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
3-phase (
∆∆∆∆∆) Configuration
With special back plane version BPF 1037 (
∆-configuration)
for LT units exclusively
Low mains 120/208 VAC
The input section of the 3 LT units is wired in a
∆-connection
enabling full output power of the LT units at low mains input
voltage 120/208 VAC.
Back planes in 3-phase (
∆) configuration are available on
request. Modifications to the back plane in the field from "Y" to
∆-configuration (and vice versa) are not recommended.
Maximum nominal input voltage: 230 VAC + 10%, phase to
phase. Higher input voltages may damage the LTs as well as
the back plane. Connection to the mains should strictly be
done according to fig.: 3-phase (
∆) configuration. Wrong
connection at the input may damage the LT converters as well
as the back plane. An external fuse needs to be installed into
each input line.
Fig. 6
3-phase (
∆ ) configuration, L1, L2, L3
120/208 VAC (e.g. USA) LT models only.
Not applicable for UT models.
Output Section
Power Bus
The back plane is fitted with a generously dimensioned bus
bar system. Each bus bar (4 mm thick Aluminum alloy profile,
identified with its polarity) is fitted with 2 captive nuts (M 6)
serving as connection points to the load as well as to the
battery system. Depending upon the application either the
positive or the negative pole of the battery may be earthed.
For application specific requirements such as reduced ripple
current, reduced low frequency ripple voltage, enhan-ced
hold-up time or heavy pulse loads, the back planes are
available with additional output capacitors (see table: Type
Sur vey). The output capacitors are mounted between the
positive and the negative bus rails.
Front- End Version
To provide maximum system reliability especially with n+1 re-
dundant systems, each positive output path is fitted with a
decoupling diode mounted onto the positive bus rail. The
diodes D11, D21, and D31 prevent a possible Power Down on
the power bus in the case of a short-circuit across the output of
one of the T units. To maintain the signalling functions of the
T unit(s) in the case of a single inhibit or a single mains phase
failure, a PTC in parallel to the decoupling diode allows a
small reverse current from the DC bus supplying the control
functions of the affected T unit.
Battery Charger Version
Direct battery charging or powering battery buffered systems
require an adequate float charge voltage over the specified
temperature range. Decoupling diodes should be avoided
due to their voltage drop, affecting the float charge voltage of
the battery. To maintain system redundancy adequatedly rated
fuses (F11, F21 and F31, rated F20A minimum, 250 V, 6.3 – 32
mm each) are mounted in each positive output line. In the
case of a short circuit across the output of one of the T units
the relevant fuse will blow, interrupting the reverse short circuit
current supplied by the battery and the remaining T units.
Power Down Signal (D1, D2, D3)
The power down signal monitors the voltage level of the bus
bar system. Depending upon the application it may be advan-
tageous to use the power down signal D1 and D2 in a
redundant configuration and the third signal (D3) as a
separate warning signal at a higher threshold level. For such
a configuration the jumpers of X3 should be set in the posi-
tions
ΣD - D1 and ΣD - D2. (See fig. Jumper strip (X3), Signal
meshing.)
For individual adjustment of the power down level see also:
System Integration.
Inhibit
The output of a T unit may be enabled or disabled by the inhibit
input signal. Moreover the output voltage can be controlled
with an external temperature sensor connected to this input. If
just the inhibit function is used, the units can be individually
inhibited. If the output voltage is temperature controlled the
same sensor signal should control all units in the rack and the
jumpers of X3 should be set in all 3 inhibit positions,
Σi – i1,
Σi – i2, and Σi – i3 (See fig. Jumper strip (X3), Signal meshing).
System Good Signal (Sys In 1, 2, 3/Sys Out 1, 2, 3)
The System Good signal can be used either for status moni-
toring of each individual T unit or as a combined signal for
status monitoring of the whole system. For overall system
status monitoring jumpers should be set in the positions Si1-
So2, Si2 – So3 (See fig. Jumper strip (X3), Signal meshing).
The System Good input of the first T unit in a system (T3)
should be referenced to the negative output. This can be done
either on the jumper strip X3 with a jumper in position
⊥-Si3
(See fig. Jumper strip (X3), Signal meshing.) or directly at the
terminal strip X5, by connecting Sys In 3 to Vo–. (See also:
System Integration.)
L1
LT
3
X1
L1
L2
L3
N
LT
2
LT
1
L2
L3
04020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com