Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M69KB096AA Datasheet(PDF) 1 Page - STMicroelectronics

Part # M69KB096AA
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA Datasheet(HTML) 1 Page - STMicroelectronics

  M69KB096AA Datasheet HTML 1Page - STMicroelectronics M69KB096AA Datasheet HTML 2Page - STMicroelectronics M69KB096AA Datasheet HTML 3Page - STMicroelectronics M69KB096AA Datasheet HTML 4Page - STMicroelectronics M69KB096AA Datasheet HTML 5Page - STMicroelectronics M69KB096AA Datasheet HTML 6Page - STMicroelectronics M69KB096AA Datasheet HTML 7Page - STMicroelectronics M69KB096AA Datasheet HTML 8Page - STMicroelectronics M69KB096AA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1/48
January 2006
M69KB096AA
64 Mbit (4M x16)
1.8V Supply, 80MHz Clock Rate, Burst PSRAM
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VCC = 1.7 to 1.95V core supply voltage
–VCCQ = 1.7 to 3.3V for I/O buffers
■
ASYNCHRONOUS MODES
–
Asynchronous Random Read: 70ns and
85ns access time
–
Asynchronous Write
–
Asynchronous Page Read
Page Size: 16 words
Subsequent read within page: 20ns
■
SYNCHRONOUS BURST READ AND
WRITE MODES
–
Burst Write in Continuous Mode
–
Burst Read:
Fixed Length (4, 8, or 16 Words) or
Continuous mde
Maximum Clock Frequency: 66MHz,
80MHz
Burst initial latency: 50ns (4 clock cycles)
at 80MHz
Output delay: 9ns at 80MHz
■
BYTE CONTROL BY LB/UB
■
LOW POWER CONSUMPTION
–
Asynchronous Random Read Mode:
< 25mA
–
Asynchronus Page Read Mode
(subsequent read operations): < 15mA
–
Synchronous Burst Read
Initial access: < 35mA
Continuous Burst Read: < 15mA
–
Standby Current: 120µA
–
Deep Power-Down Current: 10µA (typ)
Figure 1. Package
■
LOW POWER FEATURES
–
Temperature Compensated Refresh
(TCR)
–
Partial Array Refresh (PAR)
–
Deep Power-Down (DPD) Mode
■
OPERATING TEMPERATURE
–
–30°C to +85°C
THE M69KB096AA IS ONLY AVAILABLE AS PART OF A MULTI-CHIP PACKAGE PRODUCT
Wafer


Similar Part No. - M69KB096AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69KB096AB STMICROELECTRONICS-M69KB096AB Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
M69KB096AB80CW8 STMICROELECTRONICS-M69KB096AB80CW8 Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
M69KB096AB80DW8 STMICROELECTRONICS-M69KB096AB80DW8 Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
More results

Similar Description - M69KB096AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
09-Dec-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M69KB096AB STMICROELECTRONICS-M69KB096AB Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
20-Jan-2006
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com