Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2007DIE2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 4Page - STMicroelectronics STE2007DIE2 Datasheet HTML 5Page - STMicroelectronics STE2007DIE2 Datasheet HTML 6Page - STMicroelectronics STE2007DIE2 Datasheet HTML 7Page - STMicroelectronics STE2007DIE2 Datasheet HTML 8Page - STMicroelectronics STE2007DIE2 Datasheet HTML 9Page - STMicroelectronics STE2007DIE2 Datasheet HTML 10Page - STMicroelectronics STE2007DIE2 Datasheet HTML 11Page - STMicroelectronics STE2007DIE2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
2 Driver Pin Description
STE2007
8/62
2.3
Configuration Pins
2.4
Test Pins
COM0 to
COM67
High
Voltage
LCD Row Driver Output
Unused lines must be
left floating
COMS
High
Voltage
LCD Row Driver Output
Unused lines must be
left floating
SEG0 to
SEG95
High
Voltage
LCD Column Driver Output
Unused lines must be
left floating
Table 5.
Configuration Pin Description
PIN
Signal
Type
Config
Description
Note
OSCIN
I
VSS/VSSAUX
Internal Oscillator Stopped
VDDI
Internal Oscillator Active
SEL0 -SEL1
I
IDA
I
VSS/VSSAUX
IDA=”0”
VDDI
IDA=”1”
IDB
I
VSS/VSSAUX
IDB=”0”
VDDI
IDB=”1”
Table 6.
Test Pin Description
PIN
Signal
Type
Description
Note
T2
I
Test Input. Enable Test Mode.
Must Be connected to VSS
in Normal Working Mode
T1
I
Test Input. Enable Test Mode.
Must Be connected to VSS
in Normal Working Mode
T0
I
Test Input.
Must Be connected to VSS
in Normal Working Mode
T3
O
Test Output.
Must Be OPEN in Normal
Working Mode
Table 4.
High Voltage Pins (continued)
PIN
Signal
Type
Description
Note
SEL1
SEL0
Interface
VSS/VSSAUX
VSS//VSSAUX
I2C
VSS/VSSAUX
VDD1
SPI 4-Lines 8 bit
VDD1
VSS/VSSAUX
Serial 3-Lines 9 bit
VDD1
VDD1
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com