| Electronic Components Datasheet Search |
|
STE2007DIE2 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007DIE2 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 62 page ![]() 4 INTERFACE STE2007 20/62 Figure 10. 4-lines SPI Commands Transfe Figure 11. 4-lines SPI Video Data Write Cycle 4.2.1.1 Data/Command Transfer break If the Host processor generates an break condition (!CS Line HIGH before having received Bit D0) while transferring a Data byte to the Frame Memory or a Command identifier or a command parameter, the not complete received byte is discarded, the communication is interrupted and the interface is forced in reset state. When !CS line becomes low again to start a new communication session STE2007 is ready to receive the same byte interrupted re-transmitted or a new command identifier. Figure 12. 4-lines SPI Data Transfer break condition 4.2.1.2 Data/Command Transfer pause It is possible while transferring Frame Memory Data, Commands or Command Parameters to insert a pause in the data transmission (!CS Line HIGH after 8 Bits Received). When !CS is forced high after a whole byte received, the received byte is processed. Then STE2007 is forced in a wait state ready to restart processing incoming data from the point where the communication has been paused D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 LR0189 Hi-Z D6 D5 D4 D3 D2 D1 D0 D7 D6 COMMAND COMMAND COMMAND COMMAND D0 D7 D6 D5 D4 D3 D2 D1 D0 D/!C !CS SDA (input) SCL SDA (output) D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 LR0190 Hi-Z D6 D5 D4 D3 D2 D1 D0 D7 D6 COMMAND DATA to VIDEO RAM D0 D7 D6 D5 D4 D3 D2 D1 D0 D/!C !CS SDA (input) SCL SDA (output) DATA to VIDEO RAM DATA to VIDEO RAM D7 D6 D5 D4 D3 D7 D6 D5 D4 D3 D/!C !CS SDA SCL LR0192 COMMAND/PARAMETER COMMAND/PARAMETER Break |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |