Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2007DIE2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 6Page - STMicroelectronics STE2007DIE2 Datasheet HTML 7Page - STMicroelectronics STE2007DIE2 Datasheet HTML 8Page - STMicroelectronics STE2007DIE2 Datasheet HTML 9Page - STMicroelectronics STE2007DIE2 Datasheet HTML 10Page - STMicroelectronics STE2007DIE2 Datasheet HTML 11Page - STMicroelectronics STE2007DIE2 Datasheet HTML 12Page - STMicroelectronics STE2007DIE2 Datasheet HTML 13Page - STMicroelectronics STE2007DIE2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
3 Display Driver Electrical Characteristics
STE2007
10/62
3
Display Driver Electrical Characteristics
3.1
Absolute maximum ratings
Table 7.
Absolute maximum ratings
Note:
(*) ESD tests have been performed with VSS, VSS_LCD and VSS_CP shorted together
Symbol
Parameter
Value
Unit
VDDI
Supply Voltage Range
- 0.5 to + 5
V
VDD
Supply Voltage Range
- 0.5 to + 5
V
VLCD
LCD Supply Voltage Range
- 0.5 to + 14.0
V
ISS
Supply Current
- 50 to +50
mA
Vi
Digital Inputs Voltage
-0.5 to VDDI + 0.5
V
Iin
DC Input Current
- 10 to + 10
mA
Iout
DC Output Current
- 10 to + 10
mA
Ptot
Total Power Dissipation (Tj = 85°C)
300
mW
Po
Power Dissipation per Output
30
mW
Tj
Operating Junction Temperature
-40 to + 85
°C
Tstg
Storage Temperature
- 65 to 150
°C
All pins vs
VDDI (*)
ESD Maximum Withstanding Voltage Range
Test Condition: CDF-AEC-Q100-002- “Human Body Model”
Acceptance Criteria: “Normal Performance”
±1750
V
All other
pins / pin
combination
±2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com