Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2007DIE2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 19Page - STMicroelectronics STE2007DIE2 Datasheet HTML 20Page - STMicroelectronics STE2007DIE2 Datasheet HTML 21Page - STMicroelectronics STE2007DIE2 Datasheet HTML 22Page - STMicroelectronics STE2007DIE2 Datasheet HTML 23Page - STMicroelectronics STE2007DIE2 Datasheet HTML 24Page - STMicroelectronics STE2007DIE2 Datasheet HTML 25Page - STMicroelectronics STE2007DIE2 Datasheet HTML 26Page - STMicroelectronics STE2007DIE2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
STE2007
4 INTERFACE
23/62
Figure 15. Bit transfer and START,STOP conditions definition
Figure 16. Acknowledgment on the I2C-bus
4.3.1
Communication Protocol
The STE2007 is an I2C slave. The access to the device is bi-directional since data write and
status read are allowed.
Four are the device addresses available for the device. All have in common the first 5 bits
(01111). The two least significant bit of the slave address are set by connecting the SA0 and
SA1 inputs to a logic 0 or to a logic 1.
4.3.2
Starting the Communication
To start the communication between the bus master and the slave LCD driver, the master must
initiate a START condition. Following this, the master sends an 8-bit byte, on the SDA bus line
(Most significant bit first). This consists of the 7-bit Device Address Code, and the 1-bit Read/
Write Designator (R/W). The R/W bit has to be set to logic 1 to logic 0 according to the type of
communication (read or write).
All slaves with the corresponding address acknowledge in parallel, all the others will ignore the
I2C-bus transfer.
DATA LINE
STABLE
DATA VALID
CHANGE OF
DATA ALLOWED
START
CONDITION
STOP
CONDITION
CLOCK
DATA
D00IN1151
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
DATA OUTPUT
BY RECEIVER
SCLK FROM
MASTER
DATA OUTPUT
BY TRANSMITTER
D00IN1152
1
MSB
LSB
28
9
STE2007
SLAVE ADDRESS
S
01111
0
A
R
/
W
S
1
A
READ or WRITE
DESIGNATOR
ADDRESS BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com