Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3911B Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 5Page - STMicroelectronics ST25R3911B Datasheet HTML 6Page - STMicroelectronics ST25R3911B Datasheet HTML 7Page - STMicroelectronics ST25R3911B Datasheet HTML 8Page - STMicroelectronics ST25R3911B Datasheet HTML 9Page - STMicroelectronics ST25R3911B Datasheet HTML 10Page - STMicroelectronics ST25R3911B Datasheet HTML 11Page - STMicroelectronics ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
Table 2. Low pass control
rec1<5> lp2
rec1<4> lp1
rec1<3> lp0
-1 dB point
0
0
0
1200 kHz
0
0
1
600 kHz
0
1
0
300 kHz
1
0
0
2 MHz
1
0
1
7 MHz
Others
Not used
Table 3 provides information on the recommended filter settings. For all supported operation modes and receive
bit rates there is an automatic preset defined, additionally some alternatives are listed. Automatic preset is done
by sending direct command Analog Preset. There is no automatic preset for Stream and Transparent modes.
Since the selection of the filter characteristics also modifies gain, the gain range for different filter settings is also
listed.
Table 3. Receiver filter selection and gain range
rec1<5:3>lp<2:0> rec1<2>h200 rec1<1>h80 rec1<0>z12k
Gain (dB)
Comments
Max
all
Min1
Max23
Max1
Min23
Min
all
With
boost
000
0
0
0
43.4
28.0
26.4
11.0
49.8
Automatic preset for ISO14443A
fc/128 and NFC Forum Type 1 Tag
000
1
0
0
44.0
29.0
27.5
12.0
49.7
Automatic preset for ISO14443B
fc/128 ISO14443 fc/64
001
1
0
0
44.3
29
27.0
11.7
49.8
Recommended for 424/484 kHz sub-
carrier
000
0
1
0
41.1
25.8
23.6
8.3
46.8
Alternative choice for ISO14443
fc/32 and fc/16
100
0
1
0
32.0
17.0
17.2
2.0
37.6
Automatic preset for ISO14443 fc/32
and fc/16
Alternative choice for fc/8 (1.7 kb/s)
100
0
0
0
32.0
17.0
17.2
2.0
37.6
Alternative choice for fc/8 (1.7 kb/s)
000
0
1
1
41.1
25.8
23.6
8.3
46.8
Automatic preset FeliCa™ (fc/64,
fc/32)
Alternative choice for ISO14443
fc/32 and fc/16
101
0
1
0
30.0
20.0
12.0
2.0
34.0
Alternative choice for fc/8 and fc/4
101
1
0
0
30.0
20.0
12.0
2.0
34.0
Automatic preset for fc/8 and fc/4
000
1
0
1
36.5
21.5
24.9
9.9
41.5
Automatic preset for NFCIP-1
(initiator and target)
Digitizing stage
The digitizing stage produces a digital representation of the sub-carrier signal coming from the receiver. This
digital signal is then processed by the receiver framing logic. The digitizing stage consists of a window comparator
with adjustable digitizing window (five possible settings, 3 dB steps, adjustment range from ±33 mV to ±120 mV).
Adjustment of the digitizing window is included in the AGC and Squelch loops. In addition, the digitizing window
can also be set manually in the Receiver configuration register 4.
ST25R3911B
Application information
DS11793 - Rev 6
page 9/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com