Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3911B Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 3 Page - STMicroelectronics

  ST25R3911B Datasheet HTML 1Page - STMicroelectronics ST25R3911B Datasheet HTML 2Page - STMicroelectronics ST25R3911B Datasheet HTML 3Page - STMicroelectronics ST25R3911B Datasheet HTML 4Page - STMicroelectronics ST25R3911B Datasheet HTML 5Page - STMicroelectronics ST25R3911B Datasheet HTML 6Page - STMicroelectronics ST25R3911B Datasheet HTML 7Page - STMicroelectronics ST25R3911B Datasheet HTML 8Page - STMicroelectronics ST25R3911B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
1.1.1
Transmitter
The transmitter incorporates drivers that drive external antenna through pins RFO1 and RFO2. Single sided and
differential driving is possible. The transmitter block additionally contains a sub-block that modulates transmitted
signal (OOK or configurable AM modulation).
The ST25R3911B transmitter is intended to directly drive antennas (without 50 Ω cable, usually antenna is on the
same PCB). Operation with 50 Ω cable is also possible, but in that case some of the advanced features are not
available.
1.1.2
Receiver
The receiver detects transponder modulation superimposed on the 13.56 MHz carrier signal. The receiver
contains two receive chains (one for AM and another for PM demodulation) composed of a peak detector followed
by two gain and filtering stages and a final digitizer stage. The filter characteristics are adjusted to optimize
performance for each mode and bit rate (sub-carrier frequencies from 212 kHz to 6.8 MHz are supported). The
receiver chain inputs are the RFI1 and RFI2 pins. The receiver chain incorporates several features that enable
reliable operation in challenging phase and noise conditions.
1.1.3
Phase and amplitude detector
The phase detector is observing the phase difference between the transmitter output signals (RFO1 and RFO2)
and the receiver input signals (RFI1 and RFI2). The amplitude detector is observing the amplitude of the receiver
input signals (RFI1 and RFI2) via self-mixing. The amplitude of the receiver input signals (RFI1 and RFI2) is
directly proportional to the amplitude of the antenna LC tank signal.
The phase detector and the amplitude detector can be used for the following purposes:
•
PM demodulation, by observing RFI1 and RFI2 phase variation
•
Average phase difference between RFOx pins and RFIx pins is used to check and optimize antenna tuning
•
Amplitude of signal present on RFI1 and RFI2 pins is used to check and optimize antenna tuning
1.1.4
A/D converter
The ST25R3911B contains a built-in analog to digital (A/D) converter. Its input can be multiplexed from different
sources, and it is used in several applications (such as measurement of RF amplitude and phase, calibration of
modulation depth). The result of the A/D conversion is stored in the A/D converter Output register and can be
read via SPI.
1.1.5
Capacitive sensor
The capacitive sensor is used to implement low power detection of transponder presence, it measures the
capacitance between two copper patches connected to the CSI and CSO pins. The capacitance changes with the
presence of an object (card, hand). During calibration the reference capacitance (representing parasitic
capacitance of the environment) is stored. In normal operation the capacitance is periodically measured and
compared to the stored reference value, if the measured capacitance differs from the stored reference value by
more than a register defined threshold, then an interrupt is sent to the external controller.
1.1.6
External field detector
The External field detector is a low power block used in NFC mode to detect the presence of an external RF field.
It supports two different detection thresholds, Peer Detection Threshold and Collision Avoidance Threshold. The
Peer Detection Threshold is used in the NFCIP-1 target mode to detect the presence of an initiator field, and is
also used in active communication initiator mode to detect the activation of the target field. The Collision
Avoidance Threshold is used to detect the presence of an RF field during the NFCIP-1 RF Collision Avoidance
procedure.
1.1.7
Quartz crystal oscillator
The quartz crystal oscillator can operate with 13.56 MHz and 27.12 MHz crystals. At start-up the
transconductance of the oscillator is increased to achieve a fast start-up. The start-up time varies with crystal
type, temperature and other parameters, hence the oscillator amplitude is observed and an interrupt is sent when
stable oscillator operation is reached. The use of a 27.12 MHz crystal is mandatory for VHBR operation.
The oscillator block also provides a clock signal to the external microcontroller (MCU_CLK), according to the
settings in the IO configuration register 1.
ST25R3911B
Block diagram
DS11793 - Rev 6
page 3/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com