Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLP05H6250XRG Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLP05H6250XRG
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP05H6250XRG Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLP05H6250XRG Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BLP05H6250XR_H6250XRG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 21 September 2016
5 of 15
BLP05H6250XR; BLP05H6250XRG
Power LDMOS transistor
7. Test information
7.1 Ruggedness in class-AB operation
The BLP05H6250XR and BLP05H6250XRG are capable of withstanding a load mismatch
corresponding to VSWR > 65 : 1 through all phases under the following conditions:
VDS =50 V; IDq =100 mA; PL = 250 W pulsed; f = 108 MHz.
7.2 Impedance information
7.3 UIS avalanche energy
For information see application note AN10273.
Fig 3.
Definition of transistor impedance
Table 9.
Typical push-pull impedance
Simulated Zi and ZL device impedance; impedance info at VDS = 50 V and PL =250 W.
f
Zi
ZL
(MHz)
(
)
(
)
108
15.9
 49.8j
15.3 + 3.5j
001aan207
gate 1
gate 2
drain 2
drain 1
Zi
ZL
Table 10.
Typical avalanche data per section
Tamb = 25 C; typical test data; test jig without water cooling.
IAS
EAS
(A)
(J)
81.4
91.0
10
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com