Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLP05H6250XRG Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLP05H6250XRG
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP05H6250XRG Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLP05H6250XRG Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 9Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BLP05H6250XR_H6250XRG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 21 September 2016
6 of 15
BLP05H6250XR; BLP05H6250XRG
Power LDMOS transistor
7.4 Test circuit
[1]
American Technical Ceramics type 100B or capacitor of same quality.
Printed-Circuit Board (PCB): Taconic RF-35;
r = 3.5 F/m; thickness = 0.765 mm; thickness copper plating = 35 m.
See Table 11 for a list of components.
Fig 4.
Component layout for class-AB production test circuit
200 mm
80 mm
T1
T2
aaa-020545
45.1 mm
C1
C2
C4
C3
C12
C14
C17
C18
C15
C16
C10
C11
C19
C21
R1
C5
C7
C8
C6
R4
C13
C20
R2
R3
L1
L2
R5
L3
L4
R6
Table 11.
List of components
For test circuit see Figure 4.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor 510 pF
[1]
C2, C3
multilayer ceramic chip capacitor 220 pF
[1]
C4
multilayer ceramic chip capacitor 91 pF
[1]
C5, C6
multilayer ceramic chip capacitor 4.7
F, 50 V
C7, C8
multilayer ceramic chip capacitor 820 pF
[1]
C10, C11
multilayer ceramic chip capacitor 820 pF
[1]
C12, C13
multilayer ceramic chip capacitor 4.7
F, 100 V
C14, C15
multilayer ceramic chip capacitor 43 pF
[1]
C16
multilayer ceramic chip capacitor 6.8 pF
[1]
C17, C18
multilayer ceramic chip capacitor 120 pF
[1]
C19, C20
electrolytic capacitor
2200
F, 64 V
C21
multilayer ceramic chip capacitor 62 pF
[1]
L1, L2
wire inductor
10 turns, D = 2 mm, 0.5 mm copper wire
L3, L4
wire inductor
6 turns, D = 2 mm, 0.5 mm copper wire
R1, R2
resistor
4.7 k
SMD 1206
R3, R4
shunt resistor
0.01
FC4L110R010FER
R5, R6
metal film resistor
10
, 0.6 W
T1, T2
semi rigid coax
50
, length = 160 mm
EZ-141-AL-TP-M17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com