Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLP05H6250XRG Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # BLP05H6250XRG
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP05H6250XRG Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button BLP05H6250XRG Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 9Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 10Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 11Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 12Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 13Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 14Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BLP05H6250XR_H6250XRG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 21 September 2016
10 of 15
BLP05H6250XR; BLP05H6250XRG
Power LDMOS transistor
8. Package outline
Fig 11. Package outline SOT1223-2 (HSOP4F)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1223-2
sot1223-2_po
15-01-12
15-06-04
Unit
mm
max
nom
min
3.9
0.2
3.90
0.27 20.62 19.00
9.96
8.13
8.85
A
Dimensions (mm are the original dimensions)
HSOP4F: plastic, heatsink small outline package; 4 leads(flat)
SOT1223-2
A1
A2
3.65
bc
D(1)
D1
D2
16.00
E(1)
E1
E2
5.84
ee1
8.45
10.01 8.18
16.05
5.89
e2
e3
0.1
3.85
0.22 20.57 18.95
4.07
0.4
3.60
9.55
2.97
e4
F
9.91
8.08
15.95
D3
20.39
20.44
20.34
5.79
E3
9.78
9.83
9.73
0
3.80
0.17 20.52 18.90
3.55
Q1
1.62
v
0.25
0.1
1.57
0.25
wy
1.52
HE
15.96
16.16
15.76
0
10 mm
scale
detail X
D
E
c
HE
D3
E3
E1
A2
A1
Q1
A
12
43
E2
D1
D2
y
B
A
vA
X
wB
b
pin 1 index
F (4x)
Note
1. Package body dimensions “D and “E do not include mold and metal protrusions. Allowable protrusion is 0.25 mm per side.
2. Lead width dimension “b does not include dambar protrusions. Allowable dambar protrusion is 0.25 mm in total per lead.
(8x) METAL
PROTRUSIONS (SOURCE)
(2x)
e3
(2x)
e4
e
(2x)
e1
(2x)
e2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com