Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLP05H6250XRG Datasheet(PDF) 9 Page - Ampleon Netherlands B.V.

Part # BLP05H6250XRG
Description  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP05H6250XRG Datasheet(HTML) 9 Page - Ampleon Netherlands B.V.

Back Button BLP05H6250XRG Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 9Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 10Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 11Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 12Page - Ampleon Netherlands B.V. BLP05H6250XRG Datasheet HTML 13Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BLP05H6250XR_H6250XRG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 21 September 2016
9 of 15
BLP05H6250XR; BLP05H6250XRG
Power LDMOS transistor
IDq = 100 mA; f = 108 MHz; tp = 100 s;  =20%.
(1) VDS =50V
(2) VDS =45V
(3) VDS =40V
(4) VDS =35V
(5) VDS =30V
(6) VDS =25V
(7) VDS =20V
IDq = 100 mA; f = 108 MHz; tp = 100 s;  =20%.
(1) VDS =50V
(2) VDS =45V
(3) VDS =40V
(4) VDS =35V
(5) VDS =30V
(6) VDS =25V
(7) VDS =20V
Fig 9.
Power gain as a function of output power;
typical values
Fig 10. Drain efficiency as a function of output power;
typical values
aaa-020224
0
50
100
150
200
250
300
350
20
22
24
26
28
30
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
(7)
(7)
(7)
aaa-020225
0
50
100
150
200
250
300
350
10
30
50
70
90
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
(7)
(7)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com