Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALED6000 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 13Page - STMicroelectronics ALED6000 Datasheet HTML 14Page - STMicroelectronics ALED6000 Datasheet HTML 15Page - STMicroelectronics ALED6000 Datasheet HTML 16Page - STMicroelectronics ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
If at the end of the “masking time” the current is lower than the overcurrent threshold, the number of skipped
cycles is decreased by one unit.
As a consequence, the overcurrent protection acts by turning off the power MOSFET and reducing the switching
frequency down to one eighth of the default switching frequency, in order to keep constant the output current
close to the current limit.
Figure 13. OCP and frequency scaling
Tmask
Ton
I_LIM
I_IND
Up to seven clock pulses can be skipped
This kind of overcurrent protection is effective if the inductor can be completely discharged during HS MOS
turn-off time, in order to avoid the inductor current to run away. In case of output short-circuit the maximum
switching frequency can be computed by the following equation:
FSW,MAX≤ 8⋅ VF+RDCR⋅ILIM
VIN− RON+RDCR ⋅ILIM⋅ 1TON,MIN
(4)
Assuming VF = 0.6 V the free-wheeling diode direct voltage, RDCR = 30 mΩ the inductor parasitic resistance,
ILIM=IPK = 4 A the peak current limit, RON = 0.25 Ω the HS MOS resistance and TON,MIN = 120 ns the minimum
HS MOS on duration, the maximum FSW frequency which avoids the inductor current run away in case of output
short-circuit and VIN = 61 V is 801 kHz.
If the programmed switching frequency is higher than the above computed limit, an estimation of the inductor
current in case of output short-circuit fault is provided by the equation below:
ILIM= FSW⋅TON⋅VIN−8⋅VF
8⋅RDCR+FSW⋅TON,MINRON+RDCR
(5)
The peak current limit threshold (ILIM) can be programmed in the range 0.85 A-4.0 A by selecting the proper RILIM
resistor, as suggested below:
RILIM=20kΩ⋅IPKILIM
(6)
IPK is the default ALED6000 current limit in case of RILIM not mounted, as shown in Table 5. Electrical
characteristics .
ALED6000
Overcurrent protection
DS13018 - Rev 4
page 17/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com