Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALED6000 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 24Page - STMicroelectronics ALED6000 Datasheet HTML 25Page - STMicroelectronics ALED6000 Datasheet HTML 26Page - STMicroelectronics ALED6000 Datasheet HTML 27Page - STMicroelectronics ALED6000 Datasheet HTML 28Page - STMicroelectronics ALED6000 Datasheet HTML 29Page - STMicroelectronics ALED6000 Datasheet HTML 30Page - STMicroelectronics ALED6000 Datasheet HTML 31Page - STMicroelectronics ALED6000 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
8
Application notes – alternative topologies
Thanks to the wide input voltage range and the adjustable compensation network, the ALED6000 device is
suitable to implement boost and buck-boost topologies.
8.1
Inverting buck-boost
The buck-boost topology fits the application with an input voltage range that overlaps the output voltage, VOUT,
which is the voltage drop across the LEDs and the sensing resistor.
The inverting buck-boost (see Figure 22. Inverting buck-boost topology ) requires the same components count as
the buck conversion and it is more efficient than the positive buck-boost, since no additional power MOSFET is
required.
Figure 22. Inverting buck-boost topology
ALED6000
VIN
A current generator based on this topology implies two main application constraints:
•
the output voltage is negative so the LEDs must be reversed
•
the device GND floats with the negative output voltage. The device is supplied between VIN and VOUT (<
0). As a consequence:
VIN+VOUT <VIN,MAX
(27)
VIN,MAX = 61 V is the maximum operating input voltage for the ALED6000, as shown in Table 5. Electrical
characteristics .
In buck-boost topology working in continuous conduction mode (CCM), the HS MOS on-time interval, D, is given
by:
D= VOUT
VIN+VOUT
(28)
However, due to power losses (mainly switching and conduction losses), the real duty cycle is always higher than
this. The real value (which can be measured in the application) should be used in the following formulas.
The peak current flowing in the embedded switch is:
ALED6000
Application notes – alternative topologies
DS13018 - Rev 4
page 28/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com