Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALED6000 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 25Page - STMicroelectronics ALED6000 Datasheet HTML 26Page - STMicroelectronics ALED6000 Datasheet HTML 27Page - STMicroelectronics ALED6000 Datasheet HTML 28Page - STMicroelectronics ALED6000 Datasheet HTML 29Page - STMicroelectronics ALED6000 Datasheet HTML 30Page - STMicroelectronics ALED6000 Datasheet HTML 31Page - STMicroelectronics ALED6000 Datasheet HTML 32Page - STMicroelectronics ALED6000 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
ISW=IOUT1−D+IRIPPLE2=IOUT1−D+ VIN⋅D
2⋅L⋅fSW
(29)
While its average current level is equal to:
ISW=IOUT1−D
(30)
This is due to the fact that the current flowing through the internal power switch is delivered to the output only
during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent protection and the
average current must be lower than the rated DC current of the device.
In addition to these constraints, the thermal considerations summarized in Section 6.4 Thermal considerations
must also be evaluated.
Figure 23. Inverting buck-boost schematic
IC GND
GND PLANE
C9
100nF
Q1
2STR2160
3
2
JP1
1
3
R13
0.82
C6
100nF
R15
1k
TP2
SYNCH
R7
15k
TP4
VLED+
U1
ALED6000
DIM
12
VIN_2
3
SS
6
SYNCH
7
FSW
10
ILIM
11
COMP
8
EN
5
FB
9
GND
16
VCC
4
LX_1
13
LX_2
14
VIN_1
2
VBIAS
1
BOOT
15
TP
17
D2 BZX384-C30
TP3
VIN
TP10
GND
TP6
GND
R8
47k
D1 STPS3L60
+
R9
27k
R4
0R
C11
3.3nF
C4
1uF
R16
100k
C10
22nF
L1 47uH
R17
22k
C7
100nF
C5
2.2uF
TP9
VLED-
TP1
DIM
R6
1k
TP7
ICGND
Figure 23. Inverting buck-boost schematic shows the schematic circuit for a LED current source based on
inverting buck-boost topology. The input voltage ranges from 4.5 to 32 V, with typical expected 13 V and it can
drive a string composed of 6 white LEDs with 0.3 A DC.
This schematic also includes additional circuitry:
•
A level shifter network for proper dimming operation, since the ALED6000 local ground (ICGND) is referred
to the negative output voltage given by the voltage drop across the LEDs and the sensins resistor. This
function is implemented by Q1, R15, R16 and R17. However, due to limited control loop bandwidth, the
dimming operation in buck-boost topology is quite limited in terms of minimum achievable DIM pulse
•
An external overvoltage protection which avoids the IC damage in case of LED open row fault. This function
is implemented by a Zener diode, D2, R7 and the sensing resistor, RSNS = R13
In case the LED string is disconnected the maximum output voltage is given by:
VOUT,MAX=VFB+VD2
(31)
Eq. (31), in addition to Eq. (27), must be verified in order avoid the ALED6000 to be exposed to electrical stress
outside the allowed range.
The series resistor, R7, must be selected in order to limit the maximum current flowing through D2, as shown in
equation below:
ID2= VFB
RSNS+R7
(32)
The compensation network design strategy for buck-boost topology is described in Section 8.4 Compensation
strategy for alternative topologies .
ALED6000
Inverting buck-boost
DS13018 - Rev 4
page 29/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com