Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALED6000 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics ALED6000 Datasheet HTML 23Page - STMicroelectronics ALED6000 Datasheet HTML 24Page - STMicroelectronics ALED6000 Datasheet HTML 25Page - STMicroelectronics ALED6000 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
fz= 1
2π⋅C0⋅ RES+N⋅Rd;fLC≅ 1
2π LC0 N⋅Rd
N⋅Rd+RSNS
(16)
Q≅ LC0⋅ RSNS+N⋅Rd⋅ N⋅Rd
L+C0⋅RSNS⋅N⋅Rd
(17)
with the assumption that the inductor parasitic resistance, RDC, and the output capacitor parasitic resistance, RES,
are negligible compared to LED dynamic resistance, Rd.
The closed loop gain is then given by:
GLOOPs =GLCs ⋅GPWOs ⋅GCOMPs
(18)
As shown in Eq. (16) , fz depends on the output capacitor parasitic resistance and on the LEDs dynamic
resistance. Following the considerations summarized in Section 6.2 Output capacitor and inductor selection , in
the typical application the programmed control loop bandwidth (BW) might be higher than fz, so this zero helps
stabilize the loop. If this assumption is verified, a type II compensation network is required for loop stabilization.
In Figure 17. Type II compensation network the type II compensation network is shown.
Figure 17. Type II compensation network
EA
COMP
V REF
FB
V SNS
RSNS
RU
CF
RF
CP
ZF
The type II compensation network transfer function, from VSNS to COMP, is computed in Eq. (19) .
GCOMPIIs =−ZFsRU =− 1RU⋅ 1+sCFRF
s⋅ CF+CP ⋅ 1+sCF//CPRF =−1
⋅ 1+ s2π⋅fZ1
s2π⋅fPO⋅ 1+ s2π⋅fP1
(19)
fZ1= 12π⋅CFRF;fP0= 1
2π⋅ CF+CP ⋅RU;fP1= 1
2π⋅CF//CPRF
(20)
The following suggestions can be followed for a quite common compensation strategy, assuming that CP<<CF.
•
Starting from Eq. (18) , the control loop gain module at s=2π*FBW allows the RF/RU ratio to be fixed :
GLOOP,IIs=2π⋅fBW =GLC0kFF⋅ fLC2fz⋅fBW⋅fP0fZ1≅GLC0kFF⋅ fLC2fz⋅fBW⋅RFRU=1
(21)
After choosing the regulator bandwidth (typically FBW<0.2*FSW ) and a value for RU, usually between 1 kΩ and 50
kΩ, in order to achieve CF and CP not comparable with parasitic capacitance of the board, the RF required value
is computed by Eq. (21) .
ALED6000
Compensation strategy
DS13018 - Rev 4
page 22/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com