Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSO32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSO32 Datasheet HTML 1Page - STMicroelectronics LSM6DSO32 Datasheet HTML 2Page - STMicroelectronics LSM6DSO32 Datasheet HTML 3Page - STMicroelectronics LSM6DSO32 Datasheet HTML 4Page - STMicroelectronics LSM6DSO32 Datasheet HTML 5Page - STMicroelectronics LSM6DSO32 Datasheet HTML 6Page - STMicroelectronics LSM6DSO32 Datasheet HTML 7Page - STMicroelectronics LSM6DSO32 Datasheet HTML 8Page - STMicroelectronics LSM6DSO32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
This is information on a product in full production.
March 2020
DocID032891 Rev 1
1/153
LSM6DSO32
iNEMO inertial module:
always-on 3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
 Power consumption: 0.55 mA in combo high-
performance mode
 “Always-on" experience with low power
consumption for both accelerometer and gyroscope
 Smart FIFO up to 9 kbytes
 ±4/±8/±16/±32 g full scale
 ±125/±250/±500/±1000/±2000 dps full scale
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IO supply (1.62 V)
 Compact footprint: 2.5 mm x 3 mm x 0.83 mm
 SPI / I²C & MIPI I3CSM serial interface with main
processor data synchronization
 Advanced pedometer, step detector and step
counter
 Significant Motion Detection, Tilt detection
 Standard interrupts: free-fall, wakeup, 6D/4D
orientation, click and double-click
 Programmable finite state machine: accelerometer,
gyroscope and external sensors
 Embedded temperature sensor
 ECOPACK, RoHS and “Green” compliant
Applications
 Wearables, smart watches, and sports equipment
 Motion tracking and gesture detection
 Hard fall detection
 Sensor hub
 Navigation
 IoT and connected devices
 Smart power saving for handheld devices
Description
The LSM6DSO32 is a system-in-package featuring a
3D digital accelerometer and 3D digital gyroscope
boosting power performance to 0.55 mA in high-
performance mode and enabling always-on low-power
features for an optimal motion experience for the
consumer.
The LSM6DSO32 supports main OS requirements,
offering real, virtual and batch sensors with 9 kbytes for
dynamic data batching. ST’s family of MEMS sensor
modules leverages the robust and mature
manufacturing processes already used for the
production of micromachined accelerometers and
gyroscopes. The various sensing elements are
manufactured using specialized micromachining
processes, while the IC interfaces are developed using
CMOS technology that allows the design of a dedicated
circuit which is trimmed to better match the
characteristics of the sensing element.
The LSM6DSO32 has a full-scale acceleration range of
±4/±8/±16±32 g and an angular rate range of
±125/±250/±500/±1000/±2000 dps.
High robustness to mechanical shock makes the
LSM6DSO32 the preferred choice of system designers
for the creation and manufacturing of reliable products.
The LSM6DSO32 is available in a plastic land grid
array (LGA) package.
LGA-14L
(2.5 x 3 x 0.83 mm) typ.
Table 1. Device summary
Part number
Temp.
range [°C]
Package
Packing
LSM6DSO32
-40 to +85
LGA-14L
(2.5x3x0.83 mm)
Tray
LSM6DSO32TR
-40 to +85
Tape &
Reel
www.st.com


Similar Part No. - LSM6DSO32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSO32X STMICROELECTRONICS-LSM6DSO32X Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
LSM6DSO32XTR STMICROELECTRONICS-LSM6DSO32XTR Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
LSM6DSO32XTR STMICROELECTRONICS-LSM6DSO32XTR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results

Similar Description - LSM6DSO32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com