Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7258LE Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 15Page - Infineon Technologies AG TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG TLE7258LE Datasheet HTML 17Page - Infineon Technologies AG TLE7258LE Datasheet HTML 18Page - Infineon Technologies AG TLE7258LE Datasheet HTML 19Page - Infineon Technologies AG TLE7258LE Datasheet HTML 20Page - Infineon Technologies AG TLE7258LE Datasheet HTML 21Page - Infineon Technologies AG TLE7258LE Datasheet HTML 22Page - Infineon Technologies AG TLE7258LE Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Datasheet
19
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Electrical characteristics
5
Electrical characteristics
5.1
Functional device characteristics
Table 6
Electrical characteristics
5.5 V < VS <18V; RL = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Num
ber
Min. Typ. Max.
Current consumption
Current consumption at VS,
Recessive state
IS,rec
0.1
0.6
2.0
mA INH open, without RL;
VTxD =“high”
4.1.1
Current consumption at VS,
Dominate state
IS,dom
0.1
1.1
3.0
mA INH open, without RL;
VTxD =0 V
4.1.2
Current consumption at VS,
Standby mode
IS,standby
100
350
900
µA
Standby mode,
VBUS =VS
4.1.3
Current consumption at VS,
Sleep mode
IS,sleep,typ
110
15
µA
Sleep mode, Tj <40 °C;
VS = 13.5 V; VBUS =VS
4.1.4
Current consumption at VS,
Sleep mode
IS,sleep
110
25
µA
Sleep mode,
VBUS =VS
4.1.5
Current consumption at VS,
Sleep mode.
Bus shorted to GND
IS,SC_GND
100
700
µA
Sleep mode,
VS = 13.5 V; VBUS =0 V
4.1.6
Undervoltage detection
Power-on reset level on VS
VS,UV,PON
4.3
V
Reset level for mode change 4.2.1
Undervoltage threshold, VS on VS,UV,ON
4.7
5.15
5.5
V
Rising edge
4.2.2
Undervoltage threshold, VS off VS,UV,OFF
4.4
4.85
5.2
V
Falling edge
4.2.3
Undervoltage detection
hysteresis
VS,UV,HYS
300
mV 1)
4.2.4
Undervoltage blanking time
tBLANK,UV
–10
µs
1)
4.2.5
Receiver output: RxD
“High” level leakage current
IRD,H,leak
––
5
µA
VRxD = 5 V; VBUS = VS
4.3.1
“Low” level output current
IRD,L
1.3
mA VRxD = 0.4 V; VBUS = 0 V
4.3.2
Transmission input: TxD
“High” level input voltage
range
VTD,H
2
6.0
V
Recessive state
4.4.1
“Low” level input voltage range VTD,L
-0.3
0.8
V
Dominant state
4.4.2
Input hysteresis
VTD,hys
200
mV 1)
4.4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com