Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7258LE Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG TLE7258LE Datasheet HTML 17Page - Infineon Technologies AG TLE7258LE Datasheet HTML 18Page - Infineon Technologies AG TLE7258LE Datasheet HTML 19Page - Infineon Technologies AG TLE7258LE Datasheet HTML 20Page - Infineon Technologies AG TLE7258LE Datasheet HTML 21Page - Infineon Technologies AG TLE7258LE Datasheet HTML 22Page - Infineon Technologies AG TLE7258LE Datasheet HTML 23Page - Infineon Technologies AG TLE7258LE Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Datasheet
20
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Electrical characteristics
Pull-up current
ITD
-60
-20
µA
VTxD = 0 V; Normal operation
mode or standby mode
4.4.4
Enable input: EN
“High” level input voltage
range
VEN,ON
2
6.0
V
Normal operation mode
4.5.1
“Low” level input voltage range VEN,OFF
-0.3
0.8
V
Sleep mode or standby
mode
4.5.2
Input hysteresis
VEN,hys
200
mV 1)
4.5.3
Pull-down resistance
REN
15
30
60
kΩ
–4.5.4
Inhibit output: INH
Inhibit voltage drop
ΔVINH
––
1.0
V
IINH = -2.0 mA
4.6.1
Leakage current
IINH,lk
-5.0
5.0
µA
Sleep mode; VINH = 0 V
4.6.2
Bus receiver: BUS
Receiver threshold voltage,
recessive to dominant edge
Vth_dom
0.4
×VS
0.44
×VS
–V
4.7.1
Receiver dominant state
VBUSdom
0.4
×VS
V
LIN Spec 2.2A (Par. 17)
4.7.2
Receiver threshold voltage,
dominant to recessive edge
Vth_rec
0.56
×VS
0.6
×VS
V
4.7.3
Receiver recessive state
VBUSrec
0.6
×VS
V
LIN Spec 2.2A (Par. 18)
4.7.4
Receiver center voltage
VBUS_CNT
0.475
×VS
0.5
×VS
0.525
×VS
V
LIN Spec 2.2A (Par. 19)2)
4.7.5
Receiver hysteresis
VHYS
0.07
×VS
0.12
×VS
0.175
×VS
V
LIN Spec 2.2A (Par. 20)3)
4.7.6
Wake-up threshold voltage
VBUS,wk
0.40
×VS
0.5
×VS
0.6
×VS
V
4.7.7
Bus Transmitter: BUS
Bus recessive output voltage
VBUS,ro
0.8
×VS
–VS
VVTxD = “high”;
Open load
4.8.1
Bus short circuit current
IBUS_LIM
40
85
125
mA VBUS = 13.5 V;
LIN Spec 2.2A (Par. 12);
4.8.2
Leakage current
IBUS_NO_GND -1
-0.5
mA VS = 0 V; VBUS =-12 V;
LIN Spec 2.2A (Par. 15)
4.8.3
Leakage current
IBUS_NO_BAT –1
5
µA
VS = 0 V; VBUS = 18 V;
LIN Spec 2.2A (Par. 16)
4.8.4
Leakage current
IBUS_PAS_do
m
-1
-0.5
mA VS = 18 V; VBUS = 0 V;
LIN Spec 2.2A (Par. 13)
4.8.5
Table 6
Electrical characteristics (cont’d)
5.5 V < VS <18V; RL = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Num
ber
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com