Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC86SS014FF Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # BC86SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC86SS014FF Datasheet(HTML) 2 Page - Bel Fuse Inc.

  BC86SS014FF Datasheet HTML 1Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 2Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 3Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 4Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Cat 5e & Cat 6 24 AWG
Channel Compliant Patch Cords
Description, part number table and part number structure
3
Cat 6a UTP and STP Channel Compliant
Patch Cords
Description, part number table and part number structure
4
Cat 5e, Cat 6 24 & Cat 6 26 AWG
Component Compliant Patch Cords
Description, part number table and part number structure
5
Cat 6 & Cat 6a Reduced Diameter
(28 AWG) Patch Cords
Description, part number table and part number structure
6
Cat 6 Reduced Diameter (28 AWG) Channel
Compliant Patch Cords
Description, part number table and part number structure
7
IP20 Patch Cords
Description, part number table and part number structure
8
Cat 6 and Cat 6A Plenum Patch Cords
Description, part number table and part number structure
9
USB Cable Assemblies
Description, part number table and part number structure
10-12
Fiber Optic Cable Assemblies
Description and part number table
13
Straight and Reverse Modular Cable Assemblies
Description, part number table and part number structure
14
HDMI Cable Assemblies
Description, part number table and part number structure
15
About Bel
Bel is a publicly traded company that has been operated by the same family for over 65 years. Our history of
organic growth and acquisitions have broadened our product portfolio. This has established Bel as a world leader
with a diverse offering of power, protection and interconnect products. We design and manufacture these products
which are primarily used in the networking, telecommunications, computing, military, aerospace, transportation and
broadcasting industries. Bel’s portfolio of products also finds application in the automotive, medical and consumer
electronics markets.
DisplayPort Cable Assemblies
Description, part number table and part number structure
16
M12 X-Code Cable Assemblies
Description, part number table and part number structure
17-18
DVI Cable Assemblies
Description, part number table and part number structure
19
USB Type-C Adapter Cable Assemblies
Description, part number table and part number structure
20
IP67 USB Cable Assemblies
Description, part number table and part number structure
21
RJ45 Plug to RJ45 Jack Assemblies
Description, part number table and part number structure
22
MPO Cable Assemblies
Description, part number table and part number structure
23
3.5mm Audio Cables
Description, part number table and part number structure
24
Power Cords
Description, part number table and part number structure
25
Table of Contents
Cable Catalog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com