Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC86SS014FF Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # BC86SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC86SS014FF Datasheet(HTML) 3 Page - Bel Fuse Inc.

  BC86SS014FF Datasheet HTML 1Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 2Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 3Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 4Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
*Consult factory for availability of additional colors, lengths and shielded cables.
B = Cable Assembly Family
E = Blue
G = Grey
F
BC
5U
5U = Cat 5e U/UTP
6U = Cat 6 U/UTP
Rating
Part Number
Color
E
F = Feet
UOM
XXX
Length
001F = 1ft
003F = 3ft
005F = 5ft
007F = 7ft
010F = 10ft 015F = 15ft
020F = 20ft 025F = 25ft
Cable Catalog
Description
Bel’s Cat 6 patch cords support voice communications and the transmission of 1G, 2.5G
and 5G data speeds, while also offering Cat 5e patch cords that support 1G and 2.5G data
speeds. Channel compliant patch cords feature UL rated CM jacket material in multiple
lengths and colors, along with color-matching slim line snagless strain relief boots.
Cat 5e & Cat 6 24 AWG Channel Compliant Patch Cords
Bel Part Number
Rating
Shielded
Color
Lengths Available
AWG Size
ft
m
BC-5UE001F
Cat 5e
No
Blue
1ft
0.30m
24 AWG
BC-5UE003F
Cat 5e
No
Blue
3ft
0.91m
24 AWG
BC-5UE005F
Cat 5e
No
Blue
5ft
1.52m
24 AWG
BC-5UE007F
Cat 5e
No
Blue
7ft
2.13m
24 AWG
BC-5UE010F
Cat 5e
No
Blue
10ft
3.04m
24 AWG
BC-5UE015F
Cat 5e
No
Blue
15ft
4.57m
24 AWG
BC-5UE020F
Cat 5e
No
Blue
20ft
6.09m
24 AWG
BC-5UE025F
Cat 5e
No
Blue
25ft
7.62m
24 AWG
BC-5UG001F
Cat 5e
No
Grey
1ft
0.30m
24 AWG
BC-5UG003F
Cat 5e
No
Grey
3ft
0.91m
24 AWG
BC-5UG005F
Cat 5e
No
Grey
5ft
1.52m
24 AWG
BC-5UG007F
Cat 5e
No
Grey
7ft
2.13m
24 AWG
BC-5UG010F
Cat 5e
No
Grey
10ft
3.04m
24 AWG
BC-5UG015F
Cat 5e
No
Grey
15ft
4.57m
24 AWG
BC-5UG020F
Cat 5e
No
Grey
20ft
6.09m
24 AWG
BC-5UG025F
Cat 5e
No
Grey
25ft
7.62m
24 AWG
BC-6UE001F
Cat 6
No
Blue
1ft
0.30m
24 AWG
BC-6UE003F
Cat 6
No
Blue
3ft
0.91m
24 AWG
BC-6UE005F
Cat 6
No
Blue
5ft
1.52m
24 AWG
BC-6UE007F
Cat 6
No
Blue
7ft
2.13m
24 AWG
BC-6UE010F
Cat 6
No
Blue
10ft
3.04m
24 AWG
BC-6UE015F
Cat 6
No
Blue
15ft
4.57m
24 AWG
BC-6UE020F
Cat 6
No
Blue
20ft
6.09m
24 AWG
BC-6UE025F
Cat 6
No
Blue
25ft
7.62m
24 AWG
BC-6UG001F
Cat 6
No
Grey
1ft
0.30m
24 AWG
BC-6UG003F
Cat 6
No
Grey
3ft
0.91m
24 AWG
BC-6UG005F
Cat 6
No
Grey
5ft
1.52m
24 AWG
BC-6UG007F
Cat 6
No
Grey
7ft
2.13m
24 AWG
BC-6UG010F
Cat 6
No
Grey
10ft
3.04m
24 AWG
BC-6UG015F
Cat 6
No
Grey
15ft
4.57m
24 AWG
BC-6UG020F
Cat 6
No
Grey
20ft
6.09m
24 AWG
BC-6UG025F
Cat 6
No
Grey
25ft
7.62m
24 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com