Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC86SS014FF Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # BC86SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC86SS014FF Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button BC86SS014FF Datasheet HTML 4Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
IP20 Patch Cords
Description
Bel’s industrial patch cord line offers reliable Ethernet transmissions through a robust design that withstands conditions
found in factory and industrial environments. Available in both Cat 5e and Cat 6a performance levels, Bel’s industrial
patch cords are shielded and feature a TPE cable jacket. The TPE cable jacket is oil and sunlight resistant making these
patch cords suitable for many different environments. Bel’s industrial patch cords also feature over molded IP20 rated
RJ45 plugs. The addition of over molded boots prevent the locking lever from kinking and offers additional strain relief
and bend protection. Available in multiple lengths, the industrial patch cords from Bel offer a variety of solutions.
Bel Part Number
Category
Shielded
Color
Lengths Available
ft
m
BM-5ST001F01
Cat 5e
Yes
Teal
1ft
0.30m
BM-5ST003F01
Cat 5e
Yes
Teal
3ft
0.91m
BM-5ST005F01
Cat 5e
Yes
Teal
5ft
1.52m
BM-5ST007F01
Cat 5e
Yes
Teal
7ft
2.13m
BM-5ST010F01
Cat 5e
Yes
Teal
10ft
3.04m
BM-5ST015F01
Cat 5e
Yes
Teal
15ft
4.57m
BM-5ST020F01
Cat 5e
Yes
Teal
20ft
6.09m
BM-5ST025F01
Cat 5e
Yes
Teal
25ft
7.62m
BM-5ST030F01
Cat 5e
Yes
Teal
30ft
9.14m
BM-1ST001F01
Cat 6a
Yes
Teal
1ft
0.30m
BM-1ST003F01
Cat 6a
Yes
Teal
3ft
0.91m
BM-1ST005F01
Cat 6a
Yes
Teal
5ft
1.52m
BM-1ST007F01
Cat 6a
Yes
Teal
7ft
2.13m
BM-1ST010F01
Cat 6a
Yes
Teal
10ft
3.04m
BM-1ST015F01
Cat 6a
Yes
Teal
15ft
4.57m
BM-1ST020F01
Cat 6a
Yes
Teal
20ft
6.09m
BM-1ST025F01
Cat 6a
Yes
Teal
25ft
7.62m
BM-1ST030F01
Cat 6a
Yes
Teal
30ft
9.14m
Cable Catalog
BM = Cable Assembly Family
S = Shielded, SF/UTP
F
XXX
B M
5
5 = Cat 5e
1 = Cat 6a
Connector Performance
Part Number
Shielded
S
01
Length
F = Feet
UOM
01 = TPE Jacket, Over Molded Boot,
Latch Protector
Option
T
T = Teal
Colour
001F = 1ft 003F = 3ft 005F = 5ft
007F = 7ft 010F = 10ft 015F = 15ft
020F = 20ft 025F = 25ft 030F = 30ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com