Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC86SS014FF Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # BC86SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC86SS014FF Datasheet(HTML) 5 Page - Bel Fuse Inc.

  BC86SS014FF Datasheet HTML 1Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 2Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 3Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 4Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC86SS014FF Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
Description
Bel’s patch cords support voice communications and the transmission of 1G, 2.5G and 5G
data speeds, while also offering Cat 6a patch cords that support up to 10G data speeds. Bel’s
component compliant patch cords feature UL rated CM jacket material in multiple lengths
and colors, along with color-matching slim line snagless strain relief boots. These component
compliant patch cords are 100% transmission tested for performance.
Cat 5e, Cat 6 24 & Cat 6 26 AWG
Component Compliant Patch Cords
Bel Part Number
Rating
Shielded
Color
Lengths Available
AWG Size
ft
m
BM-5UE001F
Cat 5e
No
Blue
1ft
0.30m
24 AWG
BM-5UE003F
Cat 5e
No
Blue
3ft
0.91m
24 AWG
BM-5UE005F
Cat 5e
No
Blue
5ft
1.52m
24 AWG
BM-5UE007F
Cat 5e
No
Blue
7ft
2.13m
24 AWG
BM-5UE010F
Cat 5e
No
Blue
10ft
3.04m
24 AWG
BM-5UE015F
Cat 5e
No
Blue
15ft
4.57m
24 AWG
BM-5UG001F
Cat 5e
No
Grey
1ft
0.30m
24 AWG
BM-5UG003F
Cat 5e
No
Grey
3ft
0.91m
24 AWG
BM-5UG005F
Cat 5e
No
Grey
5ft
1.52m
24 AWG
BM-5UG007F
Cat 5e
No
Grey
7ft
2.13m
24 AWG
BM-5UG010F
Cat 5e
No
Grey
10ft
3.04m
24 AWG
BM-5UG015F
Cat 5e
No
Grey
15ft
4.57m
24 AWG
BM-6UE001F
Cat 6
No
Blue
1ft
0.30m
24 AWG
BM-6UE003F
Cat 6
No
Blue
3ft
0.91m
24 AWG
BM-6UE005F
Cat 6
No
Blue
5ft
1.52m
24 AWG
BM-6UE007F
Cat 6
No
Blue
7ft
2.13m
24 AWG
BM-6UE010F
Cat 6
No
Blue
10ft
3.04m
24 AWG
BM-6UE015F
Cat 6
No
Blue
15ft
4.57m
24 AWG
BM-6UG001F
Cat 6
No
Grey
1ft
0.30m
24 AWG
BM-6UG003F
Cat 6
No
Grey
3ft
0.91m
24 AWG
BM-6UG005F
Cat 6
No
Grey
5ft
1.52m
24 AWG
BM-6UG007F
Cat 6
No
Grey
7ft
2.13m
24 AWG
BM-6UG010F
Cat 6
No
Grey
10ft
3.04m
24 AWG
BM-6UG015F
Cat 6
No
Grey
15ft
4.57m
24 AWG
BM-6ASE001F
Cat 6a
Yes
Blue
1ft
0.30m
26 AWG
BM-6ASE003F
Cat 6a
Yes
Blue
3ft
0.91m
26 AWG
BM-6ASE005F
Cat 6a
Yes
Blue
5ft
1.52m
26 AWG
BM-6ASE007F
Cat 6a
Yes
Blue
7ft
2.13m
26 AWG
BM-6ASE010F
Cat 6a
Yes
Blue
10ft
3.04m
26 AWG
BM-6ASE015F
Cat 6a
Yes
Blue
15ft
4.57m
26 AWG
BM-6ASG001F
Cat 6a
Yes
Grey
1ft
0.30m
26 AWG
BM-6ASG003F
Cat 6a
Yes
Grey
3ft
0.91m
26 AWG
BM-6ASG005F
Cat 6a
Yes
Grey
5ft
1.52m
26 AWG
BM-6ASG007F
Cat 6a
Yes
Grey
7ft
2.13m
26 AWG
BM-6ASG010F
Cat 6a
Yes
Grey
10ft
3.04m
26 AWG
BM-6ASG015F
Cat 6a
Yes
Grey
15ft
4.57m
26 AWG
Cable Catalog
BM = Cable Assembly Family
E = Blue
G = Grey
F
B M
6AS
6AS = Cat 6 26 AWG F/UTP
5U = Cat 6 26 AWG F/UTP
6U = Cat 6 24 AWG U/UTP
Rating
Part Number
Colour
E
F = Feet
UOM
XXX
Length
001F = 1ft 003F = 3ft 005F = 5ft
007F = 7ft 010F = 0ft 015F = 15ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com