Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC3055N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 3Page - STMicroelectronics STLC3055N Datasheet HTML 4Page - STMicroelectronics STLC3055N Datasheet HTML 5Page - STMicroelectronics STLC3055N Datasheet HTML 6Page - STMicroelectronics STLC3055N Datasheet HTML 7Page - STMicroelectronics STLC3055N Datasheet HTML 8Page - STMicroelectronics STLC3055N Datasheet HTML 9Page - STMicroelectronics STLC3055N Datasheet HTML 10Page - STMicroelectronics STLC3055N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
STLC3055N
control bit (see table 7).
Table 7. Gain Set in Active Mode
■ Input impedance synthesis: can be real or complex and is set by a scaled (x50 or x25) external ZAC
impedance.
■ Transmit and receive: The AC signal present on the 2W port (TIP/RING) is transferred to the TX output
with a -6dB or -12dB gain and from the RX input to the 2W port with a 0dB or +6dB gain.
■ 2 to 4 wire conversion: The balance impedance can be real or complex, the proper cancellation is
obtained by means of two external impedance ZA and ZB
Once in Active mode (D1=1) the SLIC can operate in different states setting properly D0 and D2 control
bits (see also Table 8).
Table 8. SLIC states in ACTIVE mode
3.2.3.3 Polarity Reversal
The D2 bit controls the line polarity, the transition between the two polarities is performed in a "soft" way.
This means that the TIP and RING wire exchange their polarities following a ramp transition (see fig.6).
The transition time is controlled by an external capacitor CREV. This capacitor is also setting the shape
of the ringing trapezoidal waveform. When the control pins set battery reversal the line polarity is reversed
with a proper transition time set via an external capacitor (CREV).
Figure 6. TIP/RING Typical Transition from Direct to Reverse Polarity
3.2.3.4 Metering Pulse Injection (Ttx)
The metering pulses circuit consists of a burst shaping generator that gives a square wave shaped and a
low pass filter to reduce the harmonic distortion of the output signal.
The metering pulse is obtained starting from two logic signals:
■ CKTTX: is a square wave at the TTX frequency (12 or 16KHz) and should be permanently applied to
Gain set
4 to 2 wire Gain
2 to 4 wire Gain
Impedance Synthesis Scale Factor
0
0dB
-6dB
x 50
1
+6dB
-12dB
x 25
D0
D1
D2
Operating Mode
0
1
0
Active Normal Polarity
0
1
1
Active Reverse Polarity
1
1
0
Active TTX injection (N.P.)
1
1
1
Active TTX injection (R.P.)
GND
TIP
RING
dV/dT set
by CREV
4V typ.
40V typ
ON-HOOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com