Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC3055N Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 17Page - STMicroelectronics STLC3055N Datasheet HTML 18Page - STMicroelectronics STLC3055N Datasheet HTML 19Page - STMicroelectronics STLC3055N Datasheet HTML 20Page - STMicroelectronics STLC3055N Datasheet HTML 21Page - STMicroelectronics STLC3055N Datasheet HTML 22Page - STMicroelectronics STLC3055N Datasheet HTML 23Page - STMicroelectronics STLC3055N Datasheet HTML 24Page - STMicroelectronics STLC3055N Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
STLC3055N
22/25
8
APPENDIX D
8.1 STLC3055Q STLC3055N compatibility.
STLC3055N is pin to pin compatible with the old STLC3055Q but offer a better performance in term of
Power consumption and can be set in a new gain configuration in order to be compatible with the 3.3V
codec.
8.1.1 Typical power consumption comparison
Table 13.
To meet this result some differences, with a minimum impact on the application, has been introduced in
STLC3055N.
8.1.2 Hardware difference:
■
RX input.
In STLC3055N it is necessary a 100k
Ω external resistor between RX input and
AGND to bias the input stage.
■
Rp.
The STLC3055N required a Rp value of 50
Ω instead of 41Ω.
■
TTX filter.
To optimize the ttx signal dynamic we have change the values of RLV and CFL;
Table 14.
8.1.3 Parameter differences:
Table 15.
Operative mode
STLC3055Q
STLC3055N
HI-Z
52 - 60mA
13 - 25mA
Active on hook
93 - 115mA
50 - 80mA
Ring (no REN)
120 - 140mA
55 - 90mA
Component
STLC3055Q
STLC3055N
RRX
100k
Ω
Rp
41
Ω
50
Ω
RLV
27k
Ω
16.2k
Ω
CFL
1nF
1.5nF
Parameter
STLC3055Q
STLC3055N
Absolute Max. Rating
17V
13V
Operating Range
15.8V
12V
Typ Metering pulse level (Gs 1)
340mVrms
Typ Metering pulse level (Gs 0)
200mVrms
170mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com