Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC3055N Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 4Page - STMicroelectronics STLC3055N Datasheet HTML 5Page - STMicroelectronics STLC3055N Datasheet HTML 6Page - STMicroelectronics STLC3055N Datasheet HTML 7Page - STMicroelectronics STLC3055N Datasheet HTML 8Page - STMicroelectronics STLC3055N Datasheet HTML 9Page - STMicroelectronics STLC3055N Datasheet HTML 10Page - STMicroelectronics STLC3055N Datasheet HTML 11Page - STMicroelectronics STLC3055N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
STLC3055N
8/25
the CKTTX pin or at least for all the duration of the TTX pulse (including rising and decay phases).
■ D0: enable the TTX generation circuit and define the TTX pulse duration.
These two signals are processed by a dedicated circuitry integrated on chip that generate the metering
pulse as an amplitude modulated shaped squarewave (SQTTX) (see fig.7).
Both the amplitude and the envelope of the squarewave (SQTTX) can be programmed by means of ex-
ternal components. In particular the amplitude is set by the two resistors RLV and the shaping by the ca-
pacitor CS.
Figure 7. Metering Pulse Generation Circuit.
The waveform so generated is then filtered and injected on the line.
The low pass filter can be obtained using the integrated buffer OP1 connected between pin FTTX (OP1
non inverting input) and RTTX (OP1 output) (see fig.7) and implementing a "Sallen and Key" configuration.
Depending on the external components count it is possible to build an optimised application depending
on the distortion level required. In particular harmonic distortion levels equal to 13%, 6% and 3% can be
obtained respectively with first, second and third order filters (see fig.7).
The circuit showed in the "Application diagram" is related to the simple first order filter.
Once the shaped and filtered signal is obtained at RTTX buffer output it is injected on the TIP/RING pins
with a +6dB gain or +12dB gain.
It should be noted that this is the nominal condition obtained in presence of ideal TTX echo cancellation
(obtained via proper setting of RTTX and CTTX).
In addition the effective level obtained on the line will depend on the line impedance and the protection re-
sistors value. In the typical application (TTX line impedance =200
Ω, RP = 50Ω, and ideal TTX echo cancel-
lation) the metering pulse level on the line will be 1.33 or 2.66 times the level applied to the RTTX pin.
As already mentioned the metering pulse echo cancellation is obtained by means of two external compo-
nents (RTTX and CTTX) that should match the line impedance at the TTX frequency. This simple network
has a double effect:
■ Synthesize a low output impedance at the TIP/RING pins at the TTX frequency.
■ Cut the eventual TTX echo that will be transferred from the line to the TX output.
CTTX1
CTTX2
CS
RLV
RLV
SQTTX
BURST
D0
CKTTX
SHAPING
GENERATOR
Square wave pulse metering
Sinusoidal wave
pulse metering
RTTX
FTTX
Low Pass Filter
-
+
OP1
CFL
R1
R2
C2
C1
Required external components vs. filter order.
Order
CFL
R1
C1
R2
C2
THD
1
X
13%
2
XXX
X
6%
3
X
XXX
X
3%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com