Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX88178 Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 24Page - ASIX Electronics Corporation AX88178 Datasheet HTML 25Page - ASIX Electronics Corporation AX88178 Datasheet HTML 26Page - ASIX Electronics Corporation AX88178 Datasheet HTML 27Page - ASIX Electronics Corporation AX88178 Datasheet HTML 28Page - ASIX Electronics Corporation AX88178 Datasheet HTML 29Page - ASIX Electronics Corporation AX88178 Datasheet HTML 30Page - ASIX Electronics Corporation AX88178 Datasheet HTML 31Page - ASIX Electronics Corporation AX88178 Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AX88178
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
7.3 Power-up Sequence
At power-up, AX88178 requires the VDD3/AVDD3 power supply to rise to nominal operating voltage within Trise3 and
the VDDK/AVDD2/AVDDK power supply to rise to nominal operating voltage within Trise2.
Tdelay32
Trise2
Trise3
3.3V
VDD3/AVDD3
0V
2.5V
VDDK/VDD2/AVDDK
0V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Trise3
3.3V power supply rise time
From 0V to 3.3V
-
-
10
ms
Trise2
2.5V power supply rise time
From 0V to 2.5V
-
-
10
ms
Tdelay32
3.3V rise to 2.5V rise time delay
-5
-
5
ms
7.4 AC Timing Characteristics
7.4.1 Clock Timing
7.4.1.1 XIN12M
TP_XIN12M
TH_XIN12M
TL_XIN12M
TR_XIN12M
TF_XIN12M
VIH
VIL
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TP_XIN12M
XIN12M clock cycle time
-
83.33
-
ns
TH_XIN12M
XIN12M clock high time
-
41.6
-
ns
TL_XIN12M
XIN12M clock low time
-
41.6
-
ns
TR_XIN12M
XIN12M rise time
VIL (max) to VIH (min)
-
-
1.0
ns
TF_XIN12M
XIN12M fall time
VIH (min) to VIL (max)
-
-
1.0
ns
ASIX ELECTRONICS CORPORATION
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com