Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX88178 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 25Page - ASIX Electronics Corporation AX88178 Datasheet HTML 26Page - ASIX Electronics Corporation AX88178 Datasheet HTML 27Page - ASIX Electronics Corporation AX88178 Datasheet HTML 28Page - ASIX Electronics Corporation AX88178 Datasheet HTML 29Page - ASIX Electronics Corporation AX88178 Datasheet HTML 30Page - ASIX Electronics Corporation AX88178 Datasheet HTML 31Page - ASIX Electronics Corporation AX88178 Datasheet HTML 32Page - ASIX Electronics Corporation AX88178 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AX88178
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
7.4.1.2 XIN125M
TP_XIN125M
TH_XIN125M
TL_XIN125M
TR_XIN125M
TF_XIN125M
VIH
VIL
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TP_XIN125M XIN125M clock cycle time
7.5
8.0
8.5
ns
TH_XIN125M XIN125M clock high time
2.5
4.0
-
ns
TL_XIN125M XIN125M clock low time
2.5
4.0
-
ns
TR_XIN125M XIN125M rise time
VIL (max) to VIH (min)
-
-
1.0
ns
TF_XIN125M XIN125M fall time
VIH (min) to VIL (max)
-
-
1.0
ns
7.4.2 Reset Timing
XIN12M
RESET_N
Symbol
Description
Min
Typ
Max
Units
Trst
Reset pulse width (6ms ~10ms) after XIN12M
is running
72000
-
-
XIN12M clock cycle
7.4.3 GMII Timing (1000Mbps)
Ttclk
Ttch
Ttcl
GTX_CLK
Tts
Tth
TXD [7:0]
TX_EN, TX_ER
Trst
Symbol
Description
Min
Typ
Max
Units
Ttclk
GTX_CLK clock cycle time
7.5
8.0
8.5
ns
Ttch
GTX_CLK clock high time
2.5
4.0
-
ns
Ttcl
GTX_CLK clock low time
2.5
4.0
-
ns
Tts
TXD [7:0], TX_EN, TX_ER setup time
4.0
-
-
ns
Tth
TXD [:0], TX_EN, TX_ER hold time
0.5
-
-
ns
ASIX ELECTRONICS CORPORATION
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com