Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX88178 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 29Page - ASIX Electronics Corporation AX88178 Datasheet HTML 30Page - ASIX Electronics Corporation AX88178 Datasheet HTML 31Page - ASIX Electronics Corporation AX88178 Datasheet HTML 32Page - ASIX Electronics Corporation AX88178 Datasheet HTML 33Page - ASIX Electronics Corporation AX88178 Datasheet HTML 34Page - ASIX Electronics Corporation AX88178 Datasheet HTML 35Page - ASIX Electronics Corporation AX88178 Datasheet HTML 36Page - ASIX Electronics Corporation AX88178 Datasheet HTML 37Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AX88178
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
7.4.7 Serial EEPROM Timing
Tch
DATA VALID
Ts
Th
Thcs
Tlcs
Tscs
VALID
VALID
Tdv
Tod
Tcl
Tclk
EECK
EEDI (output)
EECS
EEDO (input)
Symbol
Description
Min
Typ
Max
Units
Tclk
EECK clock cycle time
-
5333
-
ns
Tch
EECK clock high time
-
2666
-
ns
Tcl
EECK clock low time
-
2666
-
ns
Tdv
EEDI output valid to EECK rising edge time
2666
-
-
ns
Tod
EECK rising edge to EEDI output delay time
2666
-
-
ns
Tscs
EECS output valid to EECK rising edge time
2666
-
-
ns
Thcs
EECK falling edge to EECS invalid time
0
-
-
ns
Tlcs
Minimum EECS low time
23904
-
-
ns
Ts
EEDO input setup time
10
-
-
ns
Th
EEDO input hold time
100
-
-
ns
ASIX ELECTRONICS CORPORATION
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com