Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX88178 Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 28Page - ASIX Electronics Corporation AX88178 Datasheet HTML 29Page - ASIX Electronics Corporation AX88178 Datasheet HTML 30Page - ASIX Electronics Corporation AX88178 Datasheet HTML 31Page - ASIX Electronics Corporation AX88178 Datasheet HTML 32Page - ASIX Electronics Corporation AX88178 Datasheet HTML 33Page - ASIX Electronics Corporation AX88178 Datasheet HTML 34Page - ASIX Electronics Corporation AX88178 Datasheet HTML 35Page - ASIX Electronics Corporation AX88178 Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
AX88178
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
Trclk
Trch
Trcl
RX_CLK
Trs
Trh
RXD [3:0]
RX_DV, RX_ER
Symbol
Description
Min
Typ
Max
Units
Trclk
RX_CLK clock cycle time *1
-
40.0
-
ns
Trch
RX_CLK clock high time *2
-
20.0
-
ns
Trcl
RX_CLK clock low time *2
-
20.0
-
ns
Trs
RXD [3:0], RX_DV, and RX_ER setup time
3.0
-
-
ns
Trh
RXD [3:0], RX_DV, and RX_ER hold time
0.5
-
-
ns
*1: For 10Mbps, the typical value of Ttclk and Trclk shall scale to 400ns.
*2: For 10Mbps, the typical value of Ttch, Ttcl, Trch, and Trcl shall scale to 200ns.
7.4.6 Station Management Timing
MDC
Tod
Tclk
Tch
Tcl
Th
Ts
MDIO (as output)
MDIO (as input)
Symbol
Description
Min
Typ
Max
Units
Tclk
MDC clock cycle time
-
666
-
ns
Tch
MDC clock high time
-
333
-
ns
Tcl
MDC clock low time
-
333
-
ns
Tod
MDC clock falling edge to MDIO output delay
0
-
2
ns
Ts
MDIO data input setup time
10
-
-
ns
Th
MDIO data input hold time
0
-
-
ns
ASIX ELECTRONICS CORPORATION
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com