Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STE2001
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STE2001 Datasheet HTML 11Page - STMicroelectronics STE2001 Datasheet HTML 12Page - STMicroelectronics STE2001 Datasheet HTML 13Page - STMicroelectronics STE2001 Datasheet HTML 14Page - STMicroelectronics STE2001 Datasheet HTML 15Page - STMicroelectronics STE2001 Datasheet HTML 16Page - STMicroelectronics STE2001 Datasheet HTML 17Page - STMicroelectronics STE2001 Datasheet HTML 18Page - STMicroelectronics STE2001 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15/36
STE2001
Figure 15.
Finally, the VLCD voltage at a given (T) temperature can be calculated as:
VLCD(T) = VLCDo · [1 + (T-To) · TC]
Memory Blanking Procedure
This instruction allows to fill the memory with ”blank” patterns, in order to delete patterns randomly generated
in memory when starting up the device. This instruction substitutes (128X9) single ”write” instructions. It is pos-
sible to program ”Memory Blanking Procedure” only under the following conditions:
- X address = 0
- Y address = 0
-V bit
= 0
- PD bit
= 0
- MX bit
= 0
The end of the procedure will be notified on the BSY_FLG pad going HIGH (while LOW the procedure is run-
ning). Any instruction programmed with BSY_FLG LOW will be ignored that is, no instruction can be pro-
grammed for a period equivalent to 128X9 internal write cycles (128X9X1/fclock). The start of Memory blanking
procedure will be between one and two fclock cycles from the last active edge (E rising edge for the parallel
interface, last SCLK rising edge for the Serial interface, last SCL rising edge for the I2C interface).
Checker Board Procedure
This instruction allows to fill the memory with ”checker-board” pattern. It is mainly intended to developers, who
can now simply obtain complex module test configuration by means of a single instruction. It is possible to pro-
gram ”Checker Board Procedure” only under the following conditions:
- X address = 0
- Y address = 0
-V bit
= 0
- PD bit
= 0
- MX bit
= 0
A0
A0+B
A1
B
PRS=0
D01IN1257
PRS=1
VO
VLCD
01h
00h
03h
05h
02h
04h
7Dh 7Eh 7Fh 00h 01h 02h 03h 04h 05h
7Ch
7Dh 7Eh 7Fh
7Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com